Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G241GT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G241GT
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241GT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G241GT Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 9Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 10Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 11Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 12Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 13Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 14Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2005 Feb 02
11
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
handbook, full pagewidth
MNA730
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
1OE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.5 3-state enable and disable times for input 1OE.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VCC
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.15 V at VCC < 2.7 V;
VY =VOH − 0.3 V at VCC ≥ 2.7 V;
VY =VOH − 0.15 V at VCC < 2.7 V.


Similar Part No. - 74LVC2G241GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G241GT NXP-74LVC2G241GT Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74LVC2G241GT NXP-74LVC2G241GT Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241GT NEXPERIA-74LVC2G241GT Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
More results

Similar Description - 74LVC2G241GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
logo
NXP Semiconductors
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com