Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB34060T Datasheet(PDF) 7 Page - ON Semiconductor

Part # FNB34060T
Description  Motion SPM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FNB34060T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FNB34060T Datasheet HTML 3Page - ON Semiconductor FNB34060T Datasheet HTML 4Page - ON Semiconductor FNB34060T Datasheet HTML 5Page - ON Semiconductor FNB34060T Datasheet HTML 6Page - ON Semiconductor FNB34060T Datasheet HTML 7Page - ON Semiconductor FNB34060T Datasheet HTML 8Page - ON Semiconductor FNB34060T Datasheet HTML 9Page - ON Semiconductor FNB34060T Datasheet HTML 10Page - ON Semiconductor FNB34060T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
©2016 Semiconductor
6
www.fairchildsemi.com
FNB34060T Rev. 1.0
www.onsemi.com
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
6. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCE(SAT)
Collector - Emitter Saturation
Voltage
VDD = VBS = 15 V
VIN = 5 V
IC = 40 A, TJ = 25°C
-
1.50
2.05
V
VF
FWDi Forward Voltage
VIN = 0 V
IF = 40 A, TJ = 25°C
-
1.75
2.35
V
HS
tON
Switching Times
VPN = 300 V, VDD = 15 V, IC = 40 A
TJ = 25°C
VIN = 0 V  5 V, Inductive Load
See Figure 5
(Note 6)
0.75
1.15
1.75
s
tC(ON)
-0.25
0.75
s
tOFF
-1.20
1.70
s
tC(OFF)
-0.15
0.50
s
trr
-0.14
-
s
LS
tON
VPN = 300 V, VDD = 15 V, IC = 40 A
TJ = 25°C
VIN = 0 V  5 V, Inductive Load
See Figure 5
(Note 6)
0.60
1.09
1.60
s
tC(ON)
-0.25
0.70
s
tOFF
-1.25
1.75
s
tC(OFF)
-0.20
0.55
s
trr
-0.14
-
s
ICES
Collector - Emitter Leakage
Current
VCE = VCES
--
5
mA
VCE
IC
VIN
tON
tC(ON)
VIN(ON)
10% IC
10% VCE
90% IC
100% IC
trr
100% IC
V CE
IC
VIN
tOFF
tC(OFF)
VIN(OFF)
10% VCE
10% IC
(a) turn-on
(b) turn-off


Similar Part No. - FNB34060T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB34060T6 ONSEMI-FNB34060T6 Datasheet
728Kb / 16P
   Motion SPM 3 Series
April, 2019 ??Rev. 2
FNB34060T6 ONSEMI-FNB34060T6 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
More results

Similar Description - FNB34060T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com