Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FGB40T65SPD Datasheet(PDF) 4 Page - ON Semiconductor

Part No. FGB40T65SPD
Description  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FGB40T65SPD Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©Semiconductor Components Industries, LLC, 2016
3
www.onsemi.com
November 2016 - Rev. 1.0
Electrical Characteristics of the IGBT (Continued)
Electrical Characteristics of the Diode T
C = 25 °C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
Qg
Total Gate Charge
VCE = 400V, IC = 40A,
VGE = 15V
-36
-
nC
Qge
Gate to Emitter Charge
-
12
-
nC
Qgc
Gate to Collector Charge
-
11
-
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VFM
Diode Forward Voltage
IF = 20A
TC = 25 oC-
2.0
2.7
V
TC = 175 oC-
1.8
-
Erec
Reverse Recovery Energy
IF = 20A,
dIF/dt = 200A/μs
TC = 175 oC-
51
-
μJ
Trr
Diode Reverse Recovery Time
TC = 25 oC-
34
-
ns
TC = 175 oC
-
206
-
Qrr
Diode Reverse Recovery Charge
TC = 25 oC-
56
-
nC
TC = 175 oC
-
731
-
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
-
0.56
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
-
1.71
oC/W
RθJA
Thermal Resistance, Junction to Ambient
-
40
oC/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn