Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FGB40T65SPD Datasheet(PDF) 2 Page - ON Semiconductor

Part No. FGB40T65SPD
Description  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FGB40T65SPD Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©Semiconductor Components Industries, LLC, 2016
1
www.onsemi.com
November 2016 - Rev. 1.0
Absolute Maximum Ratings
Notes:
1: VCC = 400 V, VGE = 15 V, IC = 120 A, RG = 20 Ω, Inductive Load
2: Repetitive rating: pulse width limited by max. junction temperature
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
650
V
VGES
Gate to Emitter Voltage
± 20
V
Transient Gate to Emitter Voltage
± 30
V
IC
Collector Current
@ TC = 25 oC80
A
Collector Current
@ TC = 100 oC40
A
ICM
Pulsed Collector Current
(Note 2)
120
A
IF
Diode Forward Current
@ TC = 25 oC40
A
Diode Forward Current
@ TC = 100 oC20
A
IFM
Pulsed Diode Maximum Forward Current
(Note 2)
120
A
PD
Maximum Power Dissipation
@ TC = 25 oC
267
W
Maximum Power Dissipation
@ TC = 100 oC
134
W
SCWT
Short Circuit Withstand Time
@ TC = 25 oC5
μs
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
FGB40T65SPD_F085
650V, 40A Field Stop Trench IGBT
Features
• AEC-Q101 Qualified
• Low Saturation Voltage : VCE(sat) = 2.0 V(Typ.) @ IC = 40 A
• 100% of the parts are dynamically tested (Note 1)
• Short Circuit Ruggedness > 5
μs @ 25 oC
• Maximum Junction Temperature : TJ = 175 oC
• Fast Switching
• Tight Parameter Distribution
• Positive Temperature Coefficient for Easy Parallel Operation
• Copacked with soft, fast recovery diode
• RoHS Compliant
General Description
Using the novel field stop 3rd generation IGBT technology,
FGH40T65SPD_F085 offers the optimum performance with
both low conduction loss and switching loss for a high efficiency
operation in various applications, while provides 50V higher
blocking voltage and rugged high current switching reliability.
Meanwhile, this part also offers and advantage of outstanding
performance in parallel operation.
Applications
• Onboard Charger
• AirCon Compressor
• PTC Heater
• Motor Drivers
• Other automotive power-train and auxiliary applications
G
E
C
COLLECTOR
(FLANGE)
TO-263AB/D2-PAK
G C E


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn