Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS004N08C Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDMS004N08C
Description  N-Channel Shielded Gate PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS004N08C Datasheet(HTML) 8 Page - ON Semiconductor

  FDMS004N08C Datasheet HTML 1Page - ON Semiconductor FDMS004N08C Datasheet HTML 2Page - ON Semiconductor FDMS004N08C Datasheet HTML 3Page - ON Semiconductor FDMS004N08C Datasheet HTML 4Page - ON Semiconductor FDMS004N08C Datasheet HTML 5Page - ON Semiconductor FDMS004N08C Datasheet HTML 6Page - ON Semiconductor FDMS004N08C Datasheet HTML 7Page - ON Semiconductor FDMS004N08C Datasheet HTML 8Page - ON Semiconductor FDMS004N08C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
C
L
L
C
PKG
PKG
5.10
6.15
TOP VIEW
SIDE VIEW
1
4
8
5
A
B
NOTES: UNLESS OTHERWISE SPECIFIED
A. PACKAGE STANDARD REFERENCE: JEDEC MO-240,
ISSUE A, VAR. AA,.
B. DIMENSIONS DO NOT INCLUDE BURRS OR MOLD FLASH.
MOLD FLASH OR BURRS DOES NOT EXCEED 0.10MM.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-2009.
E. IT IS RECOMMENDED TO HAVE NO TRACES OR
VIAS WITHIN THE KEEP OUT AREA.
5.85
5.65
5.00
4.80
OPTIONAL DRAFT
ANGLE MAY APPEAR
ON FOUR SIDES
OF THE PACKAGE
(0.50)
(0.52)
SEE
DETAIL C
BOTTOM VIEW
0.35
0.15
C
SEATING
PLANE
DETAIL C
SCALE: 2:1
0.05
0.00
1
2
3
4
8
7
6
5
0.76
0.51
0.51
0.31
(8X)
3.81
0.35
0.15
0.30
0.05
SEE
DETAIL B
DETAIL B
SCALE: 2:1
(0.34)
1.27
0.10
C A B
3.96
3.61
3.48
+0.30
-0.10
0.08 C
0.10 C
1.10
0.90
8X
(0.30)
(2X)
1.27
3.81
1.27
6.61
3.91
4.52
1.27
1
2
3
4
8
5
6
7
LAND PATTERN
RECOMMENDATION
0.77
0.61
KEEP OUT
AREA
5.10
3.75
0.20
+0.10
-0.15
(8X)
6.25
5.90
5.20
4.80
PQFN8 5X6, 1.27P
CASE 483AE
ISSUE A


Similar Part No. - FDMS004N08C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS001N025DSD ONSEMI-FDMS001N025DSD Datasheet
451Kb / 13P
   PowerTrench Power Clip 25 V Asymmetric Dual N?묬hannel MOSFET
October, 2017 ??Rev. 0
FDMS003N08C ONSEMI-FDMS003N08C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
May, 2017, Rev. 1.0
FDMS007N08LC ONSEMI-FDMS007N08LC Datasheet
514Kb / 8P
   N-Channel Shielded Gate POWERTRENCH MOSFET
April, 2018 ??Rev. 1
More results

Similar Description - FDMS004N08C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS4D4N08C ONSEMI-FDMS4D4N08C Datasheet
1Mb / 3P
   N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
NTTFS010N10MCL ONSEMI-NTTFS010N10MCL Datasheet
395Kb / 8P
   MOSFET, N-Channel, Shielded Gate, POWERTRENCH
May, 2019 ??Rev. 0
FDMS3D5N08LC ONSEMI-FDMS3D5N08LC Datasheet
457Kb / 7P
   MOSFET, N-Channel Shielded Gate, POWERTRENCH
October, 2018 ??Rev. 0
NTB7D3N15MC ONSEMI-NTB7D3N15MC Datasheet
219Kb / 7P
   MOSFET - N-Channel Shielded Gate PowerTrench
December, 2020 ??Rev. 1
NTMFS022N15MC ONSEMI-NTMFS022N15MC Datasheet
284Kb / 9P
   MOSFET - N-Channel Shielded Gate PowerTrench
September, 2020 ??Rev. 0
NTMFS10N3D2C ONSEMI-NTMFS10N3D2C Datasheet
396Kb / 8P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
FDMC008N08C ONSEMI-FDMC008N08C Datasheet
661Kb / 9P
   N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
FDMS86255 ONSEMI-FDMS86255 Datasheet
333Kb / 7P
   MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
August, 2021 ??Rev. 0
FDP2D3N10C ONSEMI-FDP2D3N10C Datasheet
439Kb / 9P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
FDPF2D3N10C ONSEMI-FDPF2D3N10C Datasheet
439Kb / 9P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
NTMFS08N004C ONSEMI-NTMFS08N004C Datasheet
600Kb / 8P
   N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com