Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD9411L_F085 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDD9411L_F085
Description  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDD9411L_F085 Datasheet(HTML) 5 Page - ON Semiconductor

  FDD9411L_F085 Datasheet HTML 1Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 2Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 3Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 4Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 5Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 6Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 7Page - ON Semiconductor FDD9411L_F085 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
www.onsemi.com
Figure 5.
0.1
1
10
100 200
0.1
1
10
100
1000
OPERATION IN THIS
AREA MAY BE
LIMITED BY PACKAGE
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25oC
100ms
Forward Bias Safe Operating Area
0.001
0.01
0.1
1
10
100
1
10
100
STARTING TJ = 150oC
STARTING TJ = 25oC
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7.
1
2
345
0
20
40
60
80
100
TJ = -55oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 250μs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 8.
0.00.2
0.40.60.81.0
1.2
0.1
1
10
100
TJ = 25 oC
TJ = 175 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Forward Diode Characteristics
Figure 9.
012
345
0
20
40
60
80
100
3V
VGS
10V Top
6V
5V
4.5V
4V
3.5V
3V
Bottom
250μs PULSE WIDTH
Tj=25oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 10.
012
345
0
20
40
60
80
100
3V
VGS
10V Top
6V
5V
4.5V
4V
3.5V
3V
Bottom
250μs PULSE WIDTH
Tj=175oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Typical Characteristics


Similar Part No. - FDD9411L_F085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD9411L ISC-FDD9411L Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD9411L_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com