Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB9409L_F085 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDB9409L_F085
Description  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDB9409L_F085 Datasheet(HTML) 2 Page - ON Semiconductor

  FDB9409L_F085 Datasheet HTML 1Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 2Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 3Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 4Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 5Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 6Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 7Page - ON Semiconductor FDB9409L_F085 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
1
Publication Order Number:
FDB9409L_F085/D
Semiconductor Components Industries, LLC, 2016
December, 2016, Rev. 1.0
FDB9409L_F085
N-Channel Logic Level PowerTrench® MOSFET
40 V, 90 A, 2.9 m
Ω
Features
Typical RDS(on) = 2.3 mΩ at VGS = 10V, ID = 80 A
Typical Qg(tot) = 52 nC at VGS = 10V, ID = 80 A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
PowerTrain Management
Solenoid and Motor Drivers
Electronic Steering
Integrated Starter/Alternator
Distributed Power Architectures and VRM
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
90
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
33.7
mJ
PD
Power Dissipation
94
W
Derate Above 25oC0.63
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
1.6
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
43
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB9409L
FDB9409L_F085
TO-263AB
330mm
24mm
800units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 15μH, IAS = 67A, VDD = 40V during inductor charging and VDD = 0V during time in avalanche.
3: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJA is determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
D
G
S
G
S
D
TO-263AB
FDB SERIES
For current package drawing, please refer to the Fairchild 
website at https://www.fairchildsemi.com/package‐
drawings/TO/TO263A02.pdf.


Similar Part No. - FDB9409L_F085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB9409L ISC-FDB9409L Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB9409L_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com