Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6290QHMX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN6290QHMX
Description  Compact Secondary-Side Adaptive Charging Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6290QHMX Datasheet(HTML) 2 Page - ON Semiconductor

  FAN6290QHMX Datasheet HTML 1Page - ON Semiconductor FAN6290QHMX Datasheet HTML 2Page - ON Semiconductor FAN6290QHMX Datasheet HTML 3Page - ON Semiconductor FAN6290QHMX Datasheet HTML 4Page - ON Semiconductor FAN6290QHMX Datasheet HTML 5Page - ON Semiconductor FAN6290QHMX Datasheet HTML 6Page - ON Semiconductor FAN6290QHMX Datasheet HTML 7Page - ON Semiconductor FAN6290QHMX Datasheet HTML 8Page - ON Semiconductor FAN6290QHMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
December 2016- Rev. 1.0
FAN6290QF/D
FAN6290QF/FAN6290QH
Compact Secondary-Side
Adaptive Charging Controller
Synchronous Rectifier Control
FAN6290QF/FAN6290QH are highly integrated, secondary-side power
adaptor controllers compatible with the Quick Charge 3.0 (QC3.0)
protocol. Internally adopted synchronous rectifier control helps for less
BOM counts as well as for easy design.
The internal two operational amplifiers control adaptive constant output
voltage and adaptive constant output current. The outputs of the two
amplifiers are tied together in open-drain configuration.
FAN6290QF/FAN6290QH enables adaptor output voltage and current
adjustment when Quick Charge 3.0 protocol is acknowledged. According
to request from a battery charger of a Portable Device, output voltage is
adjusted up to 12 V. When a portable device that implements non-
compliant protocols is attached, it just maintains the default output, (5 V)
for safety of the portable device.
FAN6290QF/FAN6290QH incorporates adaptive output over-voltage and
under-voltage protections to improve system reliability.
Features
Compatible with Quick Charge 3.0 (QC3.0) Protocol
Auto-detection supporting 2.4 A Apple products
Internal Synchronous Rectifier Control Circuit
Secondary-Side Constant Voltage (CV) and Constant Current (CC)
Regulation with Two Operational Amplifiers
Small Current Sensing Resistor (30 mΩ) for High Efficiency
Protections for Safe Operation ; Output Over-Voltage-Protection,
Output Under-Voltage-Protection for QC2.0, Data line (D+/D-)
Over-Voltage-Protection
Built-in output capacitor bleeding function for fast discharging
during change of output mode
Built-in Cable-Drop Compensation
Typical Applications
Battery Chargers for Smart Phones, Feature Phones, and Tablet PCs
AC-DC Adapters for Portable Devices that Require CV/CC Control
www.onsemi.com
10
1
SOP-10
MARKING DIAGRAM
ZXYTT
6290QX
MF
1
st Line:
F: Corporate Logo
Z: Assembly Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
2
nd Line:
6290Q: IC Part Name
X: Series Line-up Name
3
rd Line:
MF
PIN CONNECTIONS
DP
DN
VREF
IREF
CS
LPC
GND
GATE
1
7
4
3
2
9
8
10
SFB
VIN
6
5
(TOP View)
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 17 of this data sheet.


Similar Part No. - FAN6290QHMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6291QF ONSEMI-FAN6291QF Datasheet
1Mb / 22P
   Compact Secondary-Side Adaptive Charging Controller
December 2016- Rev. 1.0
FAN6291QFMTCX ONSEMI-FAN6291QFMTCX Datasheet
1Mb / 22P
   Compact Secondary-Side Adaptive Charging Controller
December 2016- Rev. 1.0
FAN6291QHMTCX ONSEMI-FAN6291QHMTCX Datasheet
1Mb / 22P
   Compact Secondary-Side Adaptive Charging Controller
December 2016- Rev. 1.0
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
   Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
FAN6292BMX ONSEMI-FAN6292BMX Datasheet
898Kb / 16P
   Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
More results

Similar Description - FAN6290QHMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6291QF ONSEMI-FAN6291QF Datasheet
1Mb / 22P
   Compact Secondary-Side Adaptive Charging Controller
December 2016- Rev. 1.0
FAN6390MPX ONSEMI-FAN6390MPX Datasheet
635Kb / 25P
   Highly Integrated Secondary-Side Adaptive USB Type-C Charging Controller with USB-PD with SR Embedded
November, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3101 NSC-LM3101 Datasheet
306Kb / 20P
   Secondary-Side PWM Controller
logo
ON Semiconductor
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
   USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
   Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
   Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com