Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0804-5000E51 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0804-5000E51
Description  Powerline Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0804-5000E51 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0804-5000E51 Datasheet HTML 1Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 2Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 3Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 4Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 5Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 6Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 7Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 8Page - Bel Fuse Inc. 0804-5000E51 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Powerline Modules
500Mbps Module
techhelp@belf.com
belfuse.com
[3]
Module Interface
Module connectivity is provided via a 50 way 1.27mm pitch gold pin header.
Pin Number
Pin Name
MII
RGMII
Type
Description
1
VDD
PWR
+3.3V
2
VSS
PWR
Ground
3
VDD
PWR
+3.3V
4
VSS
PWR
Ground
5
VNET_IO
PWR
+2.5V / +3.3V
6
TXRX+
I/O
Differential TXRX signal, connects to coupling transformer
7
TXRX-
I/O
Differential TXRX signal, connects to coupling transformer
8
VSS
PWR
Ground
9
RESERVED [1]
-
Reserved pin
10
RESERVED [1]
-
Reserved pin
11
RESET#
I
Resets all IC logic when low
12
GPIO0
I/O
Strap: ENET_SEL[0]
13
GPIO1
I/O
Strap: ENET_SEL[1]; Push-button: Simple connect
14
GPIO2
I/O
Strap: ANEN; Push-button: Factory default
15
RESERVED [1]
-
Reserved pin
16
GPIO4
I/O
Strap: SPEED_SEL[0]
17
GPIO5
I/O
Strap: MD_A3
18
GPIO6
I/O
Strap: CFG_SEL
19
GPIO7
I/O
Strap: MD_A4
20
GPIO8
I/O
Strap: MP_SEL; LED: Powerline Tx/Rx Link
21
GPIO3
I/O
Strap: ISODEF; LED: Ethernet Tx/Rx Link
22
GPIO10
I/O
Strap: BM_SEL
23
GPIO11
I/O
Strap: SPEED_SEL[1]; LED: Power
24
ZC_IN
I/O
Zero-cross detection signal
25
MDIO
I/O
Management Data Interface Data Line
26
MDC
OMAC/IPHY
Management Data Interface Clock Line
27
RESERVED [1]
-
Reserved pin
28
RESERVED [1]
-
Reserved pin
29
VSS
PWR
Ground
30
MRX_D0
RD0
IMAC/OPHY
MII / RGMII: Receive Data Bits (MAC)
31
MRX_D1
RD1
IMAC/OPHY
MII / RGMII: Receive Data Bits (MAC)
32
MRX_D2
RD2
IMAC/OPHY
MII / RGMII: Receive Data Bits (MAC)
33
MRX_D3
RD3
IMAC/OPHY
MII / RGMII: Receive Data Bits (MAC)
34
COL
RESERVED [2]
IMAC/OPHY
MII: Collision Detected
35
MRX_CLK
RXC
IMAC/OPHY
MII / RGMII: Receive Clock (MAC)


Similar Part No. - 0804-5000E51

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0804-5000-01 BEL-0804-5000-01 Datasheet
221Kb / 3P
   POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
0804-5000-02 BEL-0804-5000-02 Datasheet
221Kb / 3P
   POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
0804-5000-03 BEL-0804-5000-03 Datasheet
151Kb / 3P
   POWERLINE MODULES Low Power SIMPLE Embedded PowerPacket Modules
0804-5000-04 BEL-0804-5000-04 Datasheet
151Kb / 3P
   POWERLINE MODULES Low Power SIMPLE Embedded PowerPacket Modules
0804-5000-17 BEL-0804-5000-17 Datasheet
394Kb / 16P
   Powerline Modules
More results

Similar Description - 0804-5000E51

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0804-5000-18 BEL-0804-5000-18 Datasheet
1Mb / 11P
   Powerline Modules
0804-5000-17 BEL-0804-5000-17 Datasheet
394Kb / 16P
   Powerline Modules
APC79102 BEL-APC79102 Datasheet
191Kb / 3P
   POWERLINE MODULES SIMPLE??Embedded PowerPacket??Modules
0804-5000-01 BEL-0804-5000-01 Datasheet
221Kb / 3P
   POWERLINE MODULES SIMPLE Embedded PowerPacket Modules
0804-5000AG0 BEL-0804-5000AG0 Datasheet
642Kb / 5P
   Powerline Modules Green PHY Module
0804-5000-03 BEL-0804-5000-03 Datasheet
151Kb / 3P
   POWERLINE MODULES Low Power SIMPLE Embedded PowerPacket Modules
logo
Cypress Semiconductor
CY8CLED16P01 CYPRESS-CY8CLED16P01 Datasheet
843Kb / 58P
   Powerline Communication Solution Integrated Powerline Modem PHY
logo
Level One
PLI-4051 LVL1-PLI-4051 Datasheet
198Kb / 3P
   500Mbps Powerline
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com