Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-F0S10X Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # 0RCY-F0S10X
Description  Isolated DC-DC Convert
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-F0S10X Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button 0RCY-F0S10X Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 9Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 10Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 11Page - Bel Fuse Inc. 0RCY-F0S10X Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
0RCY-F0S10x
tech.support@psbel.com
belpowersolutions.com
9. POWER GOOD
Note:
1. The Power Good signal is a non-latching open-collector output that is Low during normal operation and is pulled High when any of the following
conditions occur:
• Over-Temperature
• Over-Current
• Vout is outside of the DC Output Band while Vin is within the Vin Operating Range
• Vin is within the Vin Operating Range but the unit is not operating (to determine if 1 Unit used in a parallel
configuration is not operating)
• Vin is outside of the Vin Operating Range
2. The Power Good signal is referenced to Vout(-).
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Output Voltage Low (trigger limits)
8.2
-
8.6
V
Output Voltage High (trigger limits)
12.6
-
13.1
V
Input Voltage Low (trigger limits)
Rising
PG signal indicats good when Vin is within
operating range and indicats bad ~20ms before
unit is shut-down due to UV or OV
42.5
-
45
V
Input Voltage High (trigger limits)
Rising
58
-
61
V
Hysteresis
-
1
-
V
High State Voltage
0
-
5.5
V
High State Leakage Current (into
Pin)
0
-
10
µA
Low State Voltage
0
-
0.8
V
Low State Current (into Pin)
0
-
5
mA
Power Good Signal De-assert
Response Time
Duration between the fault occurring and the
Power-Good Signal de-asserting
0
-
3
ms
Power Good Signal Assert Response
Time
Duration between unit powering up with no
faults and the Power Good Signal asserting
0
-
3
ms
Power Good Signal Duration
Duration the Power-Good signal stays de-
asserted if a transient fault occurs
200
600
ms
Over Temperature Warning
For OT Warning, the PG signal will toggle as an
impulse wave.
10degC
below
OTP
threshold
oC
OT Warning PG signal frequency
90
100
110
kHZ
OT Warning PG signal duty cycle
47.5
50
52.5
%


Similar Part No. - 0RCY-F0S10X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-50T120 BEL-0RCY-50T120 Datasheet
185Kb / 7P
   ISOLATED DC/DC CONVERTERS
0RCY-50T120 BEL-0RCY-50T120 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T121 BEL-0RCY-50T121 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T122 BEL-0RCY-50T122 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-50T123 BEL-0RCY-50T123 Datasheet
258Kb / 9P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-F0S10X

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
   1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com