Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6642 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6642
Description  Dual IF Receiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6642_17 Datasheet HTML 2Page - Analog Devices AD6642_17 Datasheet HTML 3Page - Analog Devices AD6642_17 Datasheet HTML 4Page - Analog Devices AD6642_17 Datasheet HTML 5Page - Analog Devices AD6642_17 Datasheet HTML 6Page - Analog Devices AD6642_17 Datasheet HTML 7Page - Analog Devices AD6642_17 Datasheet HTML 8Page - Analog Devices AD6642_17 Datasheet HTML 9Page - Analog Devices AD6642_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD6642
Rev. A | Page 5 of 32
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, fS = 185 MSPS, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, and default SPI, unless
otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)—NSR DISABLED
fIN = 30 MHz
25°C
66.5
dBFS
fIN = 70 MHz
25°C
66.5
dBFS
fIN = 170 MHz
Full
65.7
66.1
dBFS
fIN = 250 MHz
25°C
65.5
dBFS
SIGNAL-TO-NOISE-RATIO (SNR)—NSR ENABLED
22% BW Mode
fIN = 70 MHz
25°C
75.5
dBFS
fIN = 170 MHz
Full
72.8
74.4
dBFS
fIN = 230 MHz
25°C
72.8
dBFS
33% BW Mode
fIN = 70 MHz
25°C
73.7
dBFS
fIN = 170 MHz
Full
71.0
72.6
dBFS
fIN = 230 MHz
25°C
71.0
dBFS
SIGNAL-TO-NOISE-AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
65.5
dBFS
fIN = 70 MHz
25°C
66.3
dBFS
fIN = 170 MHz
Full
64.1
65.6
dBFS
fIN = 250 MHz
25°C
64.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz
25°C
10.6
Bits
fIN = 70 MHz
25°C
10.7
Bits
fIN = 170 MHz
Full
10.3
10.6
Bits
fIN = 250 MHz
25°C
10.3
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−90
dBc
fIN = 70 MHz
25°C
−83
dBc
fIN = 170 MHz
Full
−72
−78
dBc
fIN = 250 MHz
25°C
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
90
dBc
fIN = 70 MHz
25°C
83
dBc
fIN = 170 MHz
Full
72
78
dBc
fIN = 250 MHz
25°C
80
dBc
WORST OTHER HARMONIC (FOURTH THROUGH EIGHTH)
fIN = 30 MHz
25°C
−100
dBc
fIN = 70 MHz
25°C
−96
dBc
fIN = 170 MHz
Full
−82
−90
dBc
fIN = 250 MHz
25°C
−95
dBc
TWO-TONE SFDR (−7 dBFS)
fIN1 = 169 MHz, fIN2 = 172 MHz
25°C
82
dBc
CROSSTALK2
Full
95
dB
ANALOG INPUT BANDWIDTH
25°C
800
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 155 MHz with −1 dBFS on one channel and no input on the alternate channel.


Similar Part No. - AD6642_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642BBCZ AD-AD6642BBCZ Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6642BBCZRL AD-AD6642BBCZRL Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6642EBZ AD-AD6642EBZ Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
More results

Similar Description - AD6642_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com