Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38693SDX-5.0 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38693SDX-5.0
Description  500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38693SDX-5.0 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP38693SDX-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP38693SDX-5.0 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Block Diagrams
20126507
FIGURE 1. LP38691 Functional Diagram (LLP)
20126508
FIGURE 2. LP38691 Functional Diagram (TO-252)
www.national.com
6


Similar Part No. - LP38693SDX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38693SDX-5.0 TI-LP38693SDX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SDX-5.0 TI1-LP38693SDX-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38693SDX-5.0/NOPB TI1-LP38693SDX-5.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693SDX-5.0/NOPB TI1-LP38693SDX-5.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
More results

Similar Description - LP38693SDX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com