Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY1743SD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # CNY1743SD
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY1743SD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button CNY1743SD Datasheet HTML 2Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 3Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 4Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 5Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 6Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 7Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 8Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 9Page - Fairchild Semiconductor CNY1743SD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Fig. 9 Switching Speed vs. Load Resistor
(Black Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
Ton
Tf
IF = 10 mA
VCC = 10 V
TA = 25˚C
Fig. 7 CTR vs. RBE (Saturated)
(Black Package)
Fig. 8 CTR vs. RBE (Saturated)
(White Package)
Tr
Fig. 10 Switching Speed vs. Load Resistor
(White Package)
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
Ton
Tf
IF = 10 mA
VCC = 10 V
TA = 25˚C
Tr
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 0.3 V
IF = 5 mA
IF = 10 mA
IF = 20 mA
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 0.3 V
10
100
1000
10000
100000
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Fig. 11 Normalized ton vs. RBE
(Black Package)
Fig. 12 Normalized ton vs. RBE
(White Package)
10
100
1000
10000
100000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω


Similar Part No. - CNY1743SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY174 FAIRCHILD-CNY174 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY174 FAIRCHILD-CNY174 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY174M FAIRCHILD-CNY174M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY174M FAIRCHILD-CNY174M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY174M FAIRCHILD-CNY174M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
More results

Similar Description - CNY1743SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com