Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1962 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1962
Description  Integrated Circuit Positive, 3-Terminal Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1962 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1962 Datasheet HTML 1Page - NTE Electronics NTE1962 Datasheet HTML 2Page - NTE Electronics NTE1962 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TJ = +25°C, CI = 0.33µF, CO = 0.1µF, Note 1 unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Noise Voltage
NTE1970
VNO
VIN = 19V, BW = 10Hz to 100kHz, IO = 0.5A
75
µV
NTE1972
VIN = 23V, BW = 10Hz to 100kHz, IO = 0.5A
90
µV
NTE1974
VIN = 27V, BW = 10Hz to 100kHz, IO = 0.5A
100
µV
NTE1976
VIN = 33V, BW = 10Hz to 100kHz, IO = 0.5A
120
µV
Average Temperature
Coefficient of Output Voltage
NTE1960
∆VO/∆T VIN = 10V, IO = 0.5A
–0.5
mV/
°C
NTE1962
VIN = 11V, IO = 0.5A
–0.6
mV/
°C
NTE1964
VIN = 14V, IO = 0.5A
–0.8
mV/
°C
NTE1966
VIN = 15V, IO = 0.5A
–0.9
mV/
°C
NTE1968
VIN = 16V, IO = 0.5A
–1.0
mV/
°C
NTE1970
VIN = 19V, IO = 0.5A
–1.2
mV/
°C
NTE1972
VIN = 23V, IO = 0.5A
–1.5
mV/
°C
NTE1974
VIN = 27V, IO = 0.5A
–1.8
mV/
°C
NTE1976
VIN = 33V, IO = 0.5A
–2.4
mV/
°C
Note 1. Measurement is to be conducted in pulse testing.
.402 (10.2) Max
.224 (5.7) Max
.295
(7.5)
.165
(4.2)
.669
(17.0)
Max
.531
(13.5)
Min
.100 (2.54)
.059 (1.5) Max
.114 (2.9) Max
.173 (4.4) Max
VIN GND VO
.122 (3.1)
Dia
NOTE: Tab is isolated


Similar Part No. - NTE1962

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE196 NTE-NTE196 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Audio Power Output and Medium Power Switching
NTE1961 NTE-NTE1961 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1963 NTE-NTE1963 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1965 NTE-NTE1965 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1967 NTE-NTE1967 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
More results

Similar Description - NTE1962

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE968 NTE-NTE968 Datasheet
21Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE962 NTE-NTE962 Datasheet
24Kb / 2P
   Integrated Circuit 3.Terminal Positive Voltage Regulator, 6V
NTE966 NTE-NTE966 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 12V
NTE988 NTE-NTE988 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE958 NTE-NTE958 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 18V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com