Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1961 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1961
Description  Integrated Circuit Negative, 3-Terminal Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1961 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1961 Datasheet HTML 1Page - NTE Electronics NTE1961 Datasheet HTML 2Page - NTE Electronics NTE1961 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1961, NTE1963, NTE1965, NTE1967,
NTE1971, NTE1973, NTE1975, NTE1977
Integrated Circuit
Negative, 3–Terminal Voltage Regulator
Description:
The NTE1961 through NTE1977 series of monolithic 3–terminal negative voltage regulators employ
internal current limiting, thermal shut–down, and safe–area compensation in an isolated TO220 type
package making them essentially indestrucible. If adequate heat sinking is provided, they can deliver
over 1A output current. These devices are intended for use as fixed voltage regulators in a wide range
of applications including local (on card) regulation for elimination of distribution problems associated
with single point regulation. In addition to use as fixed voltage regulators, they can be used with exter-
nal components to obtain adjustable output voltages and currents.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Input Voltage, VIN
NTE1961, NTE1963, NTE1965, NTE1967, NTE1971, NTE1973
–35V
. . . . . . . . . . . . . . . . . . .
NTE1975, NTE1977
–40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC ≤ +70°C), PD
16W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–30
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–30
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TJ = +25°C, CI = 2.2µF, CO = 0.1µF, Note 1 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
NTE1961
VOUT
VIN = –10V, IO = 0.5A
–4.8
–5.0
–5.25
V
NTE1963
VIN = –11V, IO = 0.5A
–5.75
–6.0
–6.25
V
NTE1965
VIN = –14V, IO = 0.5A
–7.7
–8.0
–8.3
V
NTE1967
VIN = –15V, IO = 0.5A
–8.65
–9.0
–9.35
V
NTE1971
VIN = –19V, IO = 0.5A
–11.5
–12.0
–12.5
V
NTE1973
VIN = –23V, IO = 0.5A
–14.4
–15.0
–15.6
V
NTE1975
VIN = –27V, IO = 0.5A
–17.3
–18.0
–18.7
V
NTE1977
VIN = –33V, IO = 0.5A
–23.0
–24.0
–25.0
V
Note 1. Measurement is to be conducted in pulse testing.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn