Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3300 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A3300
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3300 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3300 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3300 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3300 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3300 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3300 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3300 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE15A3300 is a Low Noise RF coaxial amplifier operating in the 26.5 GHz to 40 GHz frequency range. The amplifier offers
2 dB typical noise figure, 12 dBm typical P1dB and high 43 dB small signal gain with gain flatness of ±2 dB typical. The low
noise amplifier requires typically a 12V DC power supply. The connectorized 2.92mm module is unconditionally stable and
includes built-in voltage regulation. This low noise amplifier requires only a single positive supply, is unconditionally stable and
operates over the temperature range of -40°C and 75°C.
Features
26.5 GHz to 40 GHz Frequency Range
P1dB: 12 dBm
High Small Signal Gain: 43 dB typical
Gain Flatness: ±2 dB
Gain Variance: ±2 dB
Noise Figure: 2 dB typ
Reverse Isolation: 55 dB typical
50 Ohm Input and Output Matched
-40 to 75°C Operating Temperature
Unconditionally Stable
Single DC Positive Supply
Built-in Voltage Regulator
Applications
Laboratory Applications
R&D Labs
Radar Systems
Test Instrumentation
Military & Space
Communication Systems
Wireless Communication
Microwave Radio Systems
Low Noise Amplifier
General Purpose Amplification
General Purpose Wireless
Wideband Gain Block
IF Amplifier/RF Driver Amplifier
RF Wideband Front Ends
RF Pre-amplification
Fixed and Land Mobile
Electrical Specifications (TA = +25°C, DC Voltage = 12Vdc, DC Current = 110mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
Small Signal Gain
40
43
47
dB
Gain Flatness
±2
±2.5
dB
Gain Variance at OTR*
±2
dB
Output at 1 dB Compression Point
+12
dBm
Output 3rd Intercept Point
+18
+20
dBm
Noise Figure
2
3
dB
Input VSWR
1.7:1
2.5:1
Output VSWR
1.7:1
2.5:1
Reverse Isolation
55
dB
Spurious
-70
dBc
Input Power (CW)
+10
dBm
Operating DC Voltage
10
12
15
Volts
Operating DC Current
90
110
140
mA
Operating Temperature Range
-40
+75
°C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 43 dB Gain, 20 dBm IP3, 2 dB NF, 12 dBm P1dB, 26.5 GHz to 40 GHz, Low Noise Amplifier,
2.92mm PE15A3300
PE15A3300
PE15A3300 REV 1.0
43 dB Gain, 20 dBm IP3, 2 dB NF, 12 dBm P1dB,
26.5 GHz to 40 GHz, Low Noise Amplifier, 2.92mm


Similar Part No. - PE15A3300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE15A3005 PASTERNACK-PE15A3005 Datasheet
579Kb / 5P
   Single DC Positive Supply
PE15A3007 PASTERNACK-PE15A3007 Datasheet
590Kb / 5P
   Single DC Positive Supply
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
More results

Similar Description - PE15A3300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com