Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A3294 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE15A3294
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3294 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A3294 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3294 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3294 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3294 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3294 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3294 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
PE15A3294
PE15A3294 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.5 dB NF, 10 dBm P1dB, 6 GHz to 18 GHz, Low Noise Broadband Amplifier, 30 dB Gain,
SMA PE15A3294
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
7
8
10
11
12
13
14
16
17
18
dB
GHz
Noise Figure
80°C
25°C
10
11
12
13
14
15
16
17
18
19
20
6
7
8
10
11
12
13
14
16
17
18
dBm
GHz
P1dB
80°C
25°C
2.5 dB NF, 10 dBm P1dB, 6 GHz to 18 GHz, Low
Noise Broadband Amplifier, 30 dB Gain, SMA


Similar Part No. - PE15A3294

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3290 PASTERNACK-PE15A3290 Datasheet
439Kb / 6P
   TECHNICAL DATA SHEET
PE15A3291 PASTERNACK-PE15A3291 Datasheet
439Kb / 6P
   TECHNICAL DATA SHEET
PE15A3292 PASTERNACK-PE15A3292 Datasheet
432Kb / 6P
   TECHNICAL DATA SHEET
PE15A3293 PASTERNACK-PE15A3293 Datasheet
427Kb / 6P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A3294

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com