Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060252320 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1060252320
Description  LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm, 2.00mm Dual Link Cable, Blue Housing, Blue Straight Boot
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1060252320 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1060252320 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1060252320
Status:
Active
Overview:
Optical Connectivity Solutions
Description:
LC Duplex Connector, Singlemode, 125.5µm Ceramic Ferrule, 1.60mm, 2.00mm Dual
Link Cable, Blue Housing, Blue Straight Boot
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Connectors
Series
106025
Cable Size
1.60mm, 2.00mm
Material - Housing
PEI
Mode
Singlemode
Overview
Optical Connectivity Solutions
Product Name
LC
UPC
800756872285
Wire/Cable Type
Duplex
Physical
Alignment Sleeve
Ceramic
Angled Physical Contact (APC)
No
Boot Color
Blue
Boot Type
Straight
Color - Resin
Blue
Ferrule Hole Size
125.5µm
Ferrule Material
Ceramic
Gender
Plug
Mounting Style
Adhesive
Net Weight
3.726/g
Ports
2
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-106025-2320
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
106025 Series
Mates With
106115 LC Duplex EMI Adapter. 106123 LC
Quad Adapter. LC Duplex Adapter 106125 ,
106126 , 106127 , 106128
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1060252320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060252320 MOLEX-1060252320_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm, 2.00mm Dual Link Cable, Blue Housing, Blue Straight Boot
More results

Similar Description - 1060252320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060252320 MOLEX-1060252320_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm, 2.00mm Dual Link Cable, Blue Housing, Blue Straight Boot
1060252330 MOLEX-1060252330_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm, 2.00mm Dual Link Cable, Blue Housing, No Boot
1060252000 MOLEX-1060252000_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm Duplex Cable, Blue Housing, White Straight Boot
1060252920 MOLEX-1060252920_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Duplex Cable, Blue Housing, Blue Straight Boot
1060252300 MOLEX-1060252300_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Duplex Cable, 1.60mm Zipcord, Blue Housing, White Straight Boot
1060252330 MOLEX1-1060252330 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm, 2.00mm Dual Link Cable
1060252940 MOLEX-1060252940 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Duplex Cable, Blue Housing, Beige Straight Boot
1060252930 MOLEX-1060252930_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Duplex Cable, Blue Housing, Yellow Straight Boot
1060254400 MOLEX-1060254400_V01 Datasheet
49Kb / 1P
   LC Duplex Connector, Singlemode, 125關m Ceramic Ferrule, 1.60mm Duplex Cable, Blue Housing, Blue Straight Boot
1060242000 MOLEX1-1060242000 Datasheet
50Kb / 1P
   LC Connector, Singlemode, 125.5關m Ceramic Ferrule, 1.60mm Simplex Cable, Blue Housing, White Straight Boot
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com