Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR16HB686J Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CWR16HB686J
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16HB686J Datasheet(HTML) 4 Page - Vishay Siliconix

  CWR16HB686J Datasheet HTML 1Page - Vishay Siliconix CWR16HB686J Datasheet HTML 2Page - Vishay Siliconix CWR16HB686J Datasheet HTML 3Page - Vishay Siliconix CWR16HB686J Datasheet HTML 4Page - Vishay Siliconix CWR16HB686J Datasheet HTML 5Page - Vishay Siliconix CWR16HB686J Datasheet HTML 6Page - Vishay Siliconix CWR16HB686J Datasheet HTML 7Page - Vishay Siliconix CWR16HB686J Datasheet HTML 8Page - Vishay Siliconix CWR16HB686J Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 26-Jan-16
4
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT +85 ºC; 10 VDC AT +125 ºC
1.0
A
CWR16H(1)105(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
1.5
A
CWR16H(1)155(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
2.2
A
CWR16H(1)225(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
3.3
B
CWR16H(1)335(2)(3)B(4)(5)
1
10
12
6
8
8
9.0
4.7
B
CWR16H(1)475(2)(3)B(4)(5)
1
10
12
6
8
8
5.0
4.7
C
CWR16H(1)475(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
4.7
D
CWR16H(1)475(2)(3)D(4)(5)
1
10
12
6
8
8
6.0
6.8
D
CWR16H(1)685(2)(3)D(4)(5)
1
10
12
6
8
8
6.0
6.8
E
CWR16H(1)685(2)(3)E(4)(5)
1
10
12
8
10
12
3.0
10
D
CWR16H(1)106(2)(3)D(4)(5)
2
20
24
6
8
8
6.0
10
E
CWR16H(1)106(2)(3)E(4)(5)
2
20
24
6
8
8
4.0
15
E
CWR16H(1)156(2)(3)E(4)(5)
2
20
24
6
8
8
4.0
15
F
CWR16H(1)156(2)(3)F(4)(5)
2
20
24
8
10
10
3.0
22
F
CWR16H(1)226(2)(3)F(4)(5)
3
30
36
8
10
10
3.0
33
F
CWR16H(1)336(2)(3)F(4)(5)
5
50
60
6
8
8
3.0
33
G
CWR16H(1)336(2)(3)G(4)(5)
6
60
72
8
10
10
1.1
47
G
CWR16H(1)476(2)(3)G(4)(5)
10
100
120
8
10
10
1.1
47
H
CWR16H(1)476(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
68
G
CWR16H(1)686(2)(3)G(4)(5)
10
100
120
8
10
10
1.1
68
H
CWR16H(1)686(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
100
H
CWR16H(1)107(2)(3)H(4)(5)
15
150
180
10
12
12
0.9
20 VDC AT +85 ºC; 13 VDC AT +125 ºC
0.68
A
CWR16J(1)684(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
1.0
A
CWR16J(1)105(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
1.5
B
CWR16J(1)155(2)(3)B(4)(5)
1
10
12
6
8
8
9.0
2.2
B
CWR16J(1)225(2)(3)B(4)(5)
1
10
12
6
8
8
9.0
3.3
D
CWR16J(1)335(2)(3)D(4)(5)
1
10
12
6
8
8
6.0
4.7
E
CWR16J(1)475(2)(3)E(4)(5)
1
10
12
6
8
8
6.0
6.8
E
CWR16J(1)685(2)(3)E(4)(5)
2
20
24
6
8
8
5.0
10
E
CWR16J(1)106(2)(3)E(4)(5)
2
20
24
6
8
8
5.0
10
F
CWR16J(1)106(2)(3)F(4)(5)
2
20
24
6
8
8
3.0
15
F
CWR16J(1)156(2)(3)F(4)(5)
3
30
36
6
8
8
3.0
22
G
CWR16J(1)226(2)(3)G(4)(5)
4
40
48
8
10
10
2.5
33
H
CWR16J(1)336(2)(3)H(4)(5)
6
60
72
8
10
10
0.9
47
H
CWR16J(1)476(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
25 VDC AT +85 ºC; 17 VDC AT +125 ºC
0.47
A
CWR16K(1)474(2)(3)A(4)(5)
1
10
12
6
8
8
15.0
1.0
B
CWR16K(1)105(2)(3)B(4)(5)
1
10
12
6
8
8
10.0
2.2
D
CWR16K(1)225(2)(3)D(4)(5)
1
10
12
6
8
8
6.0
3.3
E
CWR16K(1)335(2)(3)E(4)(5)
1
10
12
6
8
8
4.0
6.8
F
CWR16K(1)685(2)(3)F(4)(5)
2
20
24
6
8
8
3.0
15
G
CWR16K(1)156(2)(3)G(4)(5)
4
40
48
6
8
8
1.4
22
G
CWR16K(1)226(2)(3)G(4)(5)
6
60
72
6
8
8
1.4
22
H
CWR16K(1)226(2)(3)H(4)(5)
6
60
72
6
8
8
0.9
33
H
CWR16K(1)336(2)(3)H(4)(5)
10
100
120
8
10
10
0.9
35 VDC AT +85 ºC, 23 VDC AT +125 ºC
0.33
A
CWR16M(1)334(2)(3)A(4)(5)
1
10
12
6
8
8
22.0
6.8
G
CWR16M(1)685(2)(3)G(4)(5)
3
30
36
6
8
8
1.5
10
H
CWR16M(1)106(2)(3)H(4)(5)
4
40
48
8
10
10
0.9
15
H
CWR16M(1)156(2)(3)H(4)(5)
6
60
72
6
8
8
0.9
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT +25 °C
100 kHz
(
)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
Note
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, T
(4) Surge current: A, B, C, Z
(5) Packaging: blank, /FA, /HR, /PR, /TR


Similar Part No. - CWR16HB686J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR16HB335JBAA VISHAY-CWR16HB335JBAA Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
CWR16HB335JCAA VISHAY-CWR16HB335JCAA Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
CWR16HB335JTAA VISHAY-CWR16HB335JTAA Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
CWR16HB335KBAA VISHAY-CWR16HB335KBAA Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
CWR16HB335KCAA VISHAY-CWR16HB335KCAA Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
More results

Similar Description - CWR16HB686J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR16 VISHAY-CWR16 Datasheet
121Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
Revision: 31-Aug-11
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com