Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D476X96R3A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 595D476X96R3A
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D476X96R3A Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 595D476X96R3A Datasheet HTML 2Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 3Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 4Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 5Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 6Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 7Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 8Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 9Page - Vishay Siliconix 595D476X96R3A Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
595D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
6
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C, 17 VDC AT +125 °C
4.7
B
595D475(1)025B(2)(3)
1.2
6
1.80
0.22
4.7
C
595D475(1)025C(2)(3)
1.3
5
0.68
0.40
6.8
B
595D685(1)025B(2)(3)
1.7
6
1.50
0.24
6.8
C
595D685(1)025C(2)(3)
1.7
6
0.63
0.42
10
B
595D106(1)025B(2)(3)
2.5
6
1.50
0.24
10
C
595D106(1)025C(2)(3)
2.5
6
0.57
0.44
15
C
595D156(1)025C(2)(3)
3.8
6
0.56
0.44
22
C
595D226(1)025C(2)(3)
5.5
6
0.50
0.47
22
D
595D226(1)025D(2)(3)
5.5
6
0.28
0.73
33
C
595D336(1)025C(2)(3)
8.3
6
0.45
0.49
33
D
595D336(1)025D(2)(3)
8.3
6
0.27
0.75
47
D
595D476(1)025D(2)(3)
11.8
6
0.26
0.76
47
R
595D476(1)025R(2)(3)
11.8
6
0.20
1.12
68
D
595D686(1)025D(2)(3)
17.0
8
0.26
0.76
68
R
595D686(1)025R(2)(3)
17.0
6
0.20
1.12
100
R
595D107(1)025R(2)(3)
25.0
8
0.20
1.12
35 VDC AT +85 °C, 23 VDC AT +125 °C
0.33
T
595D334(1)035T(2)(3)
0.5
4
14.40
0.05
0.47
A
595D474(1)035A(2)(3)
0.5
4
4.30
0.13
0.68
A
595D684(1)035A(2)(3)
0.5
4
4.20
0.13
1.0
A
595D105(1)035A(2)(3)
0.5
4
4.10
0.14
1.5
A
595D155(1)035A(2)(3)
0.5
6
3.80
0.14
1.5
B
595D155(1)035B(2)(3)
0.5
6
2.80
0.17
2.2
B
595D225(1)035B(2)(3)
0.8
6
2.30
0.19
3.3
B
595D335(1)035B(2)(3)
1.2
6
2.40
0.19
3.3
C
595D335(1)035C(2)(3)
1.2
6
0.75
0.38
4.7
B
595D475(1)035B(2)(3)
1.6
6
2.20
0.20
4.7
C
595D475(1)035C(2)(3)
1.6
6
0.66
0.41
6.8
C
595D685(1)035C(2)(3)
2.4
6
0.63
0.42
10
D
595D106(1)035D(2)(3)
3.5
6
0.43
0.59
15
C
595D156(1)035C(2)(3)
5.3
6
0.60
0.43
15
D
595D156(1)035D(2)(3)
5.3
6
0.41
0.60
22
D
595D226(1)035D(2)(3)
7.7
6
0.32
0.68
22
R
595D226(1)035R(2)(3)
7.7
6
0.28
0.94
33
R
595D336(1)035R(2)(3)
11.6
6
0.28
0.94
47
R
595D476(1)035R(2)(3)
16.5
6
0.28
0.94
50 VDC AT +85 °C, 33 VDC AT +125 °C
0.10
T
595D104(1)050T(2)(3)
0.5
4
22.50
0.04
0.15
T
595D154(1)050T(2)(3)
0.5
4
18.00
0.04
0.22
T
595D224(1)050T(2)(3)
0.5
4
15.30
0.04
0.22
A
595D224(1)050A(2)(3)
0.5
4
9.00
0.09
0.33
A
595D334(1)050A(2)(3)
0.5
4
8.10
0.10
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”; for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 595D476X96R3A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results

Similar Description - 595D476X96R3A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com