Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597D686X9025R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 597D686X9025R
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Ultra-Low ESR, Conformal Coated, Maximum CV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

597D686X9025R Datasheet(HTML) 2 Page - Vishay Siliconix

  597D686X9025R Datasheet HTML 1Page - Vishay Siliconix 597D686X9025R Datasheet HTML 2Page - Vishay Siliconix 597D686X9025R Datasheet HTML 3Page - Vishay Siliconix 597D686X9025R Datasheet HTML 4Page - Vishay Siliconix 597D686X9025R Datasheet HTML 5Page - Vishay Siliconix 597D686X9025R Datasheet HTML 6Page - Vishay Siliconix 597D686X9025R Datasheet HTML 7Page - Vishay Siliconix 597D686X9025R Datasheet HTML 8Page - Vishay Siliconix 597D686X9025R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
597D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40047
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
40 V
50 V
63 V
75 V
10
DR
15
E / R
R
22
RF
33
F
47
RZ
68
R
F
100
F
F / H
H
150
F
220
E
R
M
330
V
E
F
H
470
V
E
E
H
680
E
E
R
H
1000
E / R
R
F
1500
R
2200
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
470
V
597D477(1)004V(2)(3)
19
8
60
2.2
680
E
597D687(1)004E(2)(3)
27
6
25
2.9
1000
E
597D108(1)004E(2)(3)
40
8
20
3.3
1000
R
597D108(1)004R(2)(3)
40
8
18
3.7
1500
R
597D158(1)004R(2)(3)
60
8
24
2.9
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
330
V
597D337(1)6R3V(2)(3)
21
8
56
2.0
470
E
597D477(1)6R3E(2)(3)
30
6
30
2.7
680
E
597D687(1)6R3E(2)(3)
43
6
25
2.9
1000
R
597D108(1)6R3R(2)(3)
63
8
31
2.8
10 VDC AT +85 °C; 7 VDC AT +125 °C
330
E
597D337(1)010E(2)(3)
33
6
35
2.5
470
E
597D477(1)010E(2)(3)
47
6
28
2.8
680
R
597D687(1)010R(2)(3)
68
6
28
3.0
1000
F
597D108(1)010F(2)(3)
100
20
120
1.4
16 VDC AT +85 °C; 10 VDC AT +125 °C
220
E
597D227(1)016E(2)(3)
35
8
60
2.3
330
F
597D337(1)016F(2)(3)
53
10
100
1.6
470
H
597D477(1)016H(2)(3)
75
14
100
1.4
680
H
597D687(1)016H(2)(3)
100
20
80
1.8
20 VDC AT +85 °C; 13 VDC AT +125 °C
220
R
597D227(1)020R(2)(3)
44
8
80
1.8
330
H
597D337(1)020H(2)(3)
66
10
100
1.6
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”, for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”


Similar Part No. - 597D686X9025R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
597D687X06R3E2T VISHAY-597D687X06R3E2T Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
597D687X06R3E2T VISHAY-597D687X06R3E2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
597D687X06R3E2T VISHAY-597D687X06R3E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
597D687X06R3E2W VISHAY-597D687X06R3E2W Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
597D687X06R3E2W VISHAY-597D687X06R3E2W Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
More results

Similar Description - 597D686X9025R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
591D VISHAY-591D_17 Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com