Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597D337X96R3V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 597D337X96R3V
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Ultra-Low ESR, Conformal Coated, Maximum CV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

597D337X96R3V Datasheet(HTML) 3 Page - Vishay Siliconix

  597D337X96R3V Datasheet HTML 1Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 2Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 3Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 4Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 5Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 6Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 7Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 8Page - Vishay Siliconix 597D337X96R3V Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
597D
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
3
Document Number: 40047
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C; 17 VDC AT +125 °C
68
R
597D686(1)025R(2)(3)
17
6
100
1.6
100
F
597D107(1)025F(2)(3)
25
8
100
1.6
150
F
597D157(1)025F(2)(3)
38
8
80
1.8
220
M
597D227(1)025M(2)(3)
55
8
100
1.6
35 VDC AT +85 °C; 23 VDC AT +125 °C
47
R
597D476(1)035R(2)(3)
17
6
100
1.6
68
F
597D686(1)035F(2)(3)
24
6
100
1.6
100
F
597D107X0035F(2)(3)
35
8
100
1.6
100
H
597D107(1)035H(2)(3)
35
8
100
1.4
40 VDC AT +85 °C; 26 VDC AT +125 °C
100
H
597D107X0040H(2)(3)
40
10
150
1.3
50 VDC AT +85 °C; 33 VDC AT +125 °C
15
E
597D156(1)050E(2)(3)
8
6
300
0.9
15
R
597D156(1)050R(2)(3)
8
6
250
1.0
22
R
597D226(1)050R(2)(3)
11
6
220
1.1
33
F
597D336(1)050F(2)(3)
17
6
150
1.3
47
Z
597D476(1)050Z(2)(3)
24
6
240
1.1
63 VDC AT +85 °C; 42 VDC AT +125 °C
10
D
597D106(1)063D(2)(3)
10
6
400
0.6
15
R
597D156(1)063R(2)(3)
10
6
400
0.8
22
F
597D226(1)063F(2)(3)
14
6
250
1.0
75 VDC AT +85 °C; 50 VDC AT +125 °C
10
R
597D106(1)075R(2)(3)
8
6
500
0.7
TYPICAL CURVES
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”, for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
0.01
0.1
1
FREQUENCY
1500 μF - 4 V “R” CASE SIZE ESR and Z vs. FREQUENCY
ESR
Z
0.01
0.1
1
FREQUENCY
ESR
Z
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
330 μF - 10 V “E” CASE SIZE ESR and Z vs. FREQUENCY


Similar Part No. - 597D337X96R3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
597D VISHAY-597D Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
More results

Similar Description - 597D337X96R3V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
591D VISHAY-591D_17 Datasheet
328Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision: 26-Jun-17
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com