Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1609 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1609
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1609 Datasheet HTML 7Page - Linear Technology LTC1609 Datasheet HTML 8Page - Linear Technology LTC1609 Datasheet HTML 9Page - Linear Technology LTC1609 Datasheet HTML 10Page - Linear Technology LTC1609 Datasheet HTML 11Page - Linear Technology LTC1609 Datasheet HTML 12Page - Linear Technology LTC1609 Datasheet HTML 13Page - Linear Technology LTC1609 Datasheet HTML 14Page - Linear Technology LTC1609 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1609
1609fa
Figure 3b. Offset/Gain Circuits for Bipolar Input Ranges
Table 1b. Analog Input Range Connections for Figure 3b
ANALOG INPUT
CONNECT R1IN
CONNECT R2IN
CONNECT R3IN
INPUT
RANGE
VIA 200
Ω TO
VIA 100
Ω TO
TO
IMPEDANCE
±10V
VIN
AGND
CAP
22.9k
±5V
AGND
VIN
CAP
13.3k
±3.3V
VIN
VIN
CAP
10.7k
APPLICATIO S I FOR ATIO
+
+
2.2
µF
2.2
µF
33.2k
100
200
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
50k
33.2k
100
576k
200
5V
50k
OFFSET
TRIM
OFFSET
TRIM
GAIN
TRIM
GAIN
TRIM
OFFSET
TRIM
GAIN
TRIM
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
±10V
±5V
±3.3V
WITHOUT TRIM
INPUT RANGE
WITH TRIM
(ADJUST OFFSET FIRST AT 0V, THEN ADJUST GAIN)
VIN
+
+
2.2
µF
2.2
µF
33.2k
200
100
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
50k
33.2k
200
100
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN
+
+
2.2
µF
2.2
µF
33.2k
100
200
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
1609 F03b
+
2.2
µF
50k
33.2k
100
200
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN


Similar Part No. - LTC1609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1609 LINER-LTC1609 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com