Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1510 Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # LH1510
Description  High Voltage Solid State Relays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1510 Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button LH1510 Datasheet HTML 11Page - Siemens Semiconductor Group LH1510 Datasheet HTML 12Page - Siemens Semiconductor Group LH1510 Datasheet HTML 13Page - Siemens Semiconductor Group LH1510 Datasheet HTML 14Page - Siemens Semiconductor Group LH1510 Datasheet HTML 15Page - Siemens Semiconductor Group LH1510 Datasheet HTML 16Page - Siemens Semiconductor Group LH1510 Datasheet HTML 17Page - Siemens Semiconductor Group LH1510 Datasheet HTML 18Page - Siemens Semiconductor Group LH1510 Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
A. Leakage Current vs. Applied Voltage at Elevated
Temperatures (LH1525)
C. Switch Breakdown Voltage vs. Temperature
E. Switch Offset Voltage vs. Temperature
B. Leakage Current vs. Applied Voltage at Elevated
Temperatures (LH1541)
D. Switch Breakdown Voltage vs. Temperature (LH1541)
F. Switch Offset Voltage vs. Temperature (LH1525)
LOAD VOLTAGE (V)
3.0
0.0
2.5
2.0
1.0
0.5
0
50
100
150
200
250
300
350 400
1.5
85
°C
70
°C
50
°C
3.5
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
8
0
4
2
6
–2
–6
–8
–4
LH1500, LH1504, LH1510,
LH1516, LH1517, LH1518,
LH1519, LH1525, LH1530,
LH1540
LH1500, LH1504,
LH1510, LH1516,
LH1517, LH1518,
A
20
40
AMBIENT TEMPERATURE (
°C)
3.5
0
50
70
60
30
3.0
1.5
2.0
2.5
0.5
1.0
80
90
B
LH1500, LH1510, LH1518,
LH1530, LH1540, LH1541
LH1516, LH1517, LH1519
A –
B –
IF = 5 mA
A –
LH1500,
LH1510, LH1518,
LH1530, LH1535,
240
0
20406080
100 120
LOAD VOLTAGE (V)
270
180
210
150
90
60
120
30
0
140
200
160 180
85
°C
70
°C
50
°C
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
8
4
–8
–10
–6
–4
–2
0
2
6
AMBIENT TEMPERATURE (
°C)
5
4
0
3
2
1
20
40
50
70
60
30
80
90
IF = 5 mA
Siemens Microelectronics, Inc. • Optoelectronics Division
LH1530, LH1535, LH1540, LH1541, LH1550
www.smi.siemens.com/opto/
15 of 20
October 1998


Similar Part No. - LH1510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AA VISHAY-LH1510AA Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 05-Jul-2018
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
   1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1510AAB VISHAY-LH1510AAB Datasheet
168Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1510AAB VISHAY-LH1510AAB Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 05-Jul-2018
LH1510AAB VISHAY-LH1510AAB Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results

Similar Description - LH1510

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com