Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1519 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part No. LH1519
Description  High Voltage Solid State Relays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1519 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button LH1519 Datasheet HTML 10Page - Siemens Semiconductor Group LH1519 Datasheet HTML 11Page - Siemens Semiconductor Group LH1519 Datasheet HTML 12Page - Siemens Semiconductor Group LH1519 Datasheet HTML 13Page - Siemens Semiconductor Group LH1519 Datasheet HTML 14Page - Siemens Semiconductor Group LH1519 Datasheet HTML 15Page - Siemens Semiconductor Group LH1519 Datasheet HTML 16Page - Siemens Semiconductor Group LH1519 Datasheet HTML 17Page - Siemens Semiconductor Group LH1519 Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
A. Insertion Loss vs. Frequency
C. Insertion Loss vs. Frequency (LH1541)
E. Leakage Current vs. Applied Voltage
B. Insertion Loss vs. Frequency (LH1525)
D. Output Isolation
F. Leakage Current vs. Applied Voltage at Elevated
Temperatures
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
10 2
10 3
10 4
10 5
0.15
B
D
E
A –
B –
C –
D –
E –
LH1500, LH1530, LH1540
LH1518
LH1510
LH1516, LH1519
LH1517
A
RL = 600
W
C
A –
LH1500, LH1530,
LH1535, LH1540
FREQUENCY (Hz)
2.00
0
1.75
1.50
1.00
0.25
102
103
104
105
1.25
0.75
0.50
RL = 600
W
90
0
50
100
150
200
250
300
LOAD VOLTAGE (V)
100
70
80
60
40
30
50
20
10
0
350 400
IF = 0 mA
TA = 25
°C
LH1516,
LH1517,
LH1519
ALL OTHER
FORM A SSRs
LH1541
FREQUENCY (Hz)
102
0.6
0.5
0.4
0.0
0.3
0.2
0.1
103
104
105
RL = 600
W
FREQUENCY (Hz)
100
80
60
40
20
0
A
B
C
D
VP = 10 V
RL = 50
W
A –
B –
C –
D –
LH1504, LH1541
LH1500, LH1510, LH1518,
LH1525, LH1530, LH1540
LH1519
LH1516, LH1517
102
103
104
105
106
107
A –
LH1504,
LH1541
LOAD VOLTAGE (V)
3.0
2.5
2.0
1.0
0.5
1.5
0
0
50
100
150
200
250
300
350
400
A – LH1516, LH1517, LH1519
B – LH1500, LH1504, LH1510,
LH1518, LH1530, LH1540
85
°C
70
°C
50
°C
A
B
A
B
A
B
A –
LH1516,
LH1517, LH1519
Siemens Microelectronics, Inc. • Optoelectronics Division
LH1530, LH1535, LH1540, LH1541, LH1550
www.smi.siemens.com/opto/
14 of 20
October 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KAQV212A High Voltage Solid State Relay-MOSFET Output 1  2  COSMO Electronics Corporation
KAQW614 HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1  2  3  4  COSMO Electronics Corporation
PS7360 HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY 1  2  3  4  5  NEC
IL356 HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER 1  2  Siemens Semiconductor Group
KAQV217 High Voltage Solid State Relay-MOSFET Output 1  2  COSMO Electronics Corporation
KAQV214S High Voltage Solid State Relay-MOSFET Output 1  2  COSMO Electronics Corporation
KAQW212 High Voltage Solid State Relay-MOSFET Output 1  2  COSMO Electronics Corporation
KAQY212 HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1  2  COSMO Electronics Corporation
KAQV212S HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT 1  2  COSMO Electronics Corporation
KAQW214S High Voltage Solid State Relay-MOSFET Output 1  2  COSMO Electronics Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn