Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE195A Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE195A
Description  Silicon NPN Transistor RF Power Amp/Driver, CB
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE195A Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE195A
Silicon NPN Transistor
RF Power Amp/Driver, CB
Description:
The NTE195A is designed primarily for use in large–signal output amplifier stages. Intended for use
in Citizen–Band communications equipment operating to 30MHz. High breakdown voltages allow a
high percentage of up–modulation in AM circuits.
Features:
D Specified 12.5V, 28MHz Characteristic:
Power Output = 3.5W
Power Gain
= 10dB
Efficiency
= 70% Typical
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCER
70V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
70V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
3.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current–Continuous, IC
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TC = +25°C), PD
8W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate above 25
°C
28.6mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CES IC = 200mA, VBE = 0
70
V
Emitter–Base Breakdown Voltage
V(BR)EB
O
IE = 1mA, IC = 0
4
V
Collector Cutoff Current
ICBO
VCB = 15V, IE = 0
0.01
mA
ON Characteristics
DC Current Gain
hFE
VCE = 2V, IC = 400mA
30
Dynamic Characteristics
Capacitance
Cob
VCB = 12.5V, IE = 0, f = 1MHz
35
70
pF


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn