Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1500-AT Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # LH1500-AT
Description  High Voltage Solid State Relays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1500-AT Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button LH1500-AT Datasheet HTML 2Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 3Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 4Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 5Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 6Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 7Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 8Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 9Page - Siemens Semiconductor Group LH1500-AT Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Absolute Maximum Ratings
TA=25°C
Stresses in excess of the Absolute Maximum Ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of this document. Exposure to Absolute Maximum Ratings for extended periods of time can adversely
affect reliability.
* 5300 Vrms input/output isolation voltage available on some products. Consult factory.
† Refer to Current Limit Performance Application Note 58 for a discussion on relay operation during transient currents.
Parameter
Symbol
Test Conditions
LH1500
LH1504
LH1510
LH1516
Units
Ambient Operating
Temperature range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–40 to +150
Pin Soldering Temperature
TS
t=10 s max
260
Input/Output Isolation
Voltage*
VISO
3750
Vrms
LED Continuous Forward
Current
IF
—50
mA
LED Reverse Voltage
VR
IR £ 10 mA8
V
dc or Peak ac Load Voltage
VL
IL £ 50 mA
350
400
200
400
Continuous dc Load Current
Bidirectional Operation
Unidirectional Operation
IL
150
250
95
200
350
240
450
mA
Peak Load Current
IP
t=100 ms
(single shot)
††††mA
Output Power Dissipation
(continuous)
PDISS
600
550
600
mW
LH1500, LH1504
LH1510, LH1516
1 Form A
Recommended Operating Conditions
120
90
60
30
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
150
IFON =
5 mA to 20 mA
LH1500
IFON = 2 mA
IFON = 4 mA
IFON = 3 mA
120
80
40
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
200
160
IFON =
5 mA to 20 mA
LH1510
IFON = 2 mA
IFON = 4 mA
IFON = 3 mA
80
60
40
20
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
95
IFON =
5 mA to 20 mA
LH1504
IFON = 2 mA
IFON = 3 mA
IFON = 4 mA
160
120
80
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
200
40
IFON =
5 mA to 20 mA
LH1516
IFON = 2 mA
IFON = 4 mA
IFON = 3 mA
Siemens Microelectronics, Inc. • Optoelectronics Division
www.smi.siemens.com/opto/
6 of 20
October 1998


Similar Part No. - LH1500-AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1500AA VISHAY-LH1500AA Datasheet
155Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.1, 05-Jul-2018
LH1500AAB VISHAY-LH1500AAB Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
LH1500AAB VISHAY-LH1500AAB Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 2.0, 25-Jul-11
LH1500AAB VISHAY-LH1500AAB Datasheet
155Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.1, 05-Jul-2018
More results

Similar Description - LH1500-AT

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com