Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1275 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1275
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1275 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1275 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1275 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1275 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007. 12. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1275
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
COLOR TV VERT. DEFELECTION OUTPUT APPLICATION.
COLOR TV CLASS B SOUND OUTPUT APPLICATION.
FEATURES
High Voltage : VCEO=-160V.
Large Continuous Collector Current Capability.
Complementary to KTC3228.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE Classification
R:60
120
0:100
200,
Y:160
320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-160
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-150V, IE=0
-
-
-1.0
A
Emitter Cut-off Current
IEBO
VEB=-6V, IC=0
-
-
-1.0
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-160
-
-
V
DC Current Gain
hFE (Note)
VCE=-5V, IC=-200mA
60
-
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-1.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA, IB=-50mA
-
-
-1.2
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-5mA
-0.45
-
-0.75
V
Transition Frequency
fT
VCE=-5V, IC=-200mA
15
50
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
35
pF


Similar Part No. - KTA1275

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1275 KEC-KTA1275 Datasheet
776Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
KTA1275 WINNERJOIN-KTA1275 Datasheet
123Kb / 1P
   TRANSISTOR (PNP)
logo
KEC(Korea Electronics)
KTA1275 KEC-KTA1275 Datasheet
776Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
   Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
KTA1275 FOSHAN-KTA1275 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
More results

Similar Description - KTA1275

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com