Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD2510-05H Datasheet(PDF) 3 Page - ORION FANS

Part # OD2510-05H
Description  DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD2510-05H Datasheet(HTML) 3 Page - ORION FANS

  OD2510-05H Datasheet HTML 1Page - ORION FANS OD2510-05H Datasheet HTML 2Page - ORION FANS OD2510-05H Datasheet HTML 3Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
2O
Motor
Brushless DC, auto restart,
polarity protected.
Bearing System
Dual ball bearing
Insulation Resistance
Min. 10M at 500VDC
Dielectric Strength
Storage Temperature
-40C ~ +80C
*Connection:
1 second at 500VAC
max leakage 500
microamp
Frame & Impeller
PBT, UL94V-0 plastic
Available Options
voltages
Wire Leads - UL1007
Tachometer
PWM
IP55
Other speeds and
Connection
3x Lead wires *
Yellow Alarm
RoHS Compliant
Nominal Voltage
12 VDC
25x10mm (1x.39in)
OD2510-12MB02A
DC Fan, 12VDC
Model Number
OD2510-12MB02A
Part Number
125131231
28AWG Red(+), Black (-),
Weight: 8 g
Voltage Range
6
~16 VDC
Nominal Current
.08 A
Rated Power
1.44 Watts
Rated Speed (RPM)
10000
Airflow (CFM)
2.2
Noise Level (dB)
24
Max. Static Pressure
.17 “H
Temperature Range
-10C ~ 70C
Life (L10)
6
0,000 hours (40C)


Similar Part No. - OD2510-05H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD2510-05H ORIONFANS-OD2510-05H Datasheet
96Kb / 1P
   DC Fan - 5, 12V 25x10mm (1.0?쓝 0.39??
OD2510-05H ORIONFANS-OD2510-05H Datasheet
96Kb / 1P
   DC Fan
OD2510-05H ORIONFANS-OD2510-05H Datasheet
1Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD2510-05H ORIONFANS-OD2510-05H_15 Datasheet
96Kb / 1P
   DC Fan
More results

Similar Description - OD2510-05H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD2510 ORIONFANS-OD2510_16 Datasheet
1Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
CoolCox Limited All rig...
4010L05S COOLCOX-4010L05S Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
ORION FANS
OD5015 ORIONFANS-OD5015 Datasheet
598Kb / 3P
   DC Fan - 12V 50 x 15mm (1.96 x .59in)
OD8025 ORIONFANS-OD8025 Datasheet
123Kb / 1P
   DC Fan 80x25mm (3.15 x 1.0)
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
   DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD6025 ORIONFANS-OD6025 Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD4028XC ORIONFANS-OD4028XC_16 Datasheet
463Kb / 1P
   DC Fan - 12V, High Speed 40x28mm (1.58??x 1.10??
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com