Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-4S Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # CNY17F-4S
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F-4S Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button CNY17F-4S Datasheet HTML 4Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 5Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 6Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 7Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 8Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 9Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 10Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 11Page - Fairchild Semiconductor CNY17F-4S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1/21/04
Page 9 of 12
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
MOC8106
MOC8107
MOC8108
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.135 (3.43)
0.300 (7.62)
TYP
0
° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.240 (6.10)
0.350 (8.89)
0.330 (8.38)
0.300 (7.62)
TYP
0.405 (10.30)
MAX
0.315 (8.00)
MIN
0.016 (0.40) MIN
2
5
PIN 1
ID.
0.016 (0.41)
0.008 (0.20)
0.100 (2.54)
TYP
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.165 (4.18)
4
3
0.020 (0.51)
MIN
1
6
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.135 (3.43)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)


Similar Part No. - CNY17F-4S

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CNY17F-4S CTMICRO-CNY17F-4S Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Everlight Electronics C...
CNY17F-4S(TA)-V EVERLIGHT-CNY17F-4S(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-4S(TB)-V EVERLIGHT-CNY17F-4S(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-4S1(TA)-V EVERLIGHT-CNY17F-4S1(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17F-4S1(TB)-V EVERLIGHT-CNY17F-4S1(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - CNY17F-4S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com