Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV12816-12TI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LV12816-12TI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816-12TI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LV12816-12TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV12816-12TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IS61LV12816
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. A
11/30/00
ISSI®
IS61LV12816 STANDARD VERSION
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
8
IS61LV12816-8B
mini BGA (6mm x 8mm)
IS61LV12816-8K
400-mil Plastic SOJ
IS61LV12816-8LQ
LQFP
IS61LV12816-8T
Plastic TSOP
10
IS61LV12816-10B
mini BGA (6mm x 8mm)
IS61LV12816-10K
400-mil Plastic SOJ
IS61LV12816-10LQ
LQFP
IS61LV12816-10T
Plastic TSOP
12
IS61LV12816-12B
mini BGA (6mm x 8mm)
IS61LV12816-12K
400-mil Plastic SOJ
IS61LV12816-12LQ
LQFP
IS61LV12816-12T
Plastic TSOP
15
IS61LV12816-15B
mini BGA (6mm x 8mm)
IS61LV12816-15K
400-mil Plastic SOJ
IS61LV12816-15LQ
LQFP
IS61LV12816-15T
Plastic TSOP
IS61LV12816 STANDARD VERSION
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns) Order Part No.
Package
8
IS61LV12816-8BI
mini BGA (6mm x 8mm)
IS61LV12816-8KI
400-mil Plastic SOJ
IS61LV12816-8LQI
LQFP
IS61LV12816-8TI
Plastic TSOP
10
IS61LV12816-10BI
mini BGA (6mm x 8mm)
IS61LV12816-10KI
400-mil Plastic SOJ
IS61LV12816-10LQI
LQFP
IS61LV12816-10TI
Plastic TSOP
12
IS61LV12816-12BI
mini BGA (6mm x 8mm)
IS61LV12816-12KI
400-mil Plastic SOJ
IS61LV12816-12LQI
LQFP
IS61LV12816-12TI
Plastic TSOP
15
IS61LV12816-15BI
mini BGA (6mm x 8mm)
IS61LV12816-15KI
400-mil Plastic SOJ
IS61LV12816-15LQI
LQFP
IS61LV12816-15TI
Plastic TSOP
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com


Similar Part No. - IS61LV12816-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV12816-12TI ICSI-IS61LV12816-12TI Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816-12TI ISSI-IS61LV12816-12TI Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV12816-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com