Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB150S Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # DB150S
Description  Bilateral Voltage triggered Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

DB150S Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  DB150S Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd DB150S Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd DB150S Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd DB150S Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd DB150S Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dynamic
Holding Current
50/60hz
Sine Wave
R=100 OHMS
Peak On-state Voltage
I =1Amp
T
Peak One Cycle
Surge Current
50/60Hz Sine Wave
(Non-Repetitive)
Switching
Resistance
Rs
=
(V -V )
BO
S
(I
)
BO
S
-I
50/60Hz
Sine Wave
Critical
Rate-of-rise
Of Off-state
Voltage at
Rate V
T
100 C
DRM
j
Critical
Rate-of-Rise
Of On-State
Current
mAmps
Amps
Volts
MAX
60Hz
50Hz
Volts/ second
Amps/ second
TYP
MAX
TYP
MIN
MIN
IH
VTM
ITSM
RS
d/d
vt
d/d
it
40
40
40
40
40
40
40
40
40
40
40
100
100
100
100
100
100
100
100
100
100
100
20
.
20
.
20
.
20
.
20
.
20
.
20
.
20
.
20
.
20
.
20
20
20
20
20
20
20
20
20
20
20
16.7
16.7
16.7
16.7
16.7
16.7
16.7
16.7
16.7
16.7
16.7
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
1500
150
150
150
150
150
150
150
150
150
150
150
K
Ω
Electrical Specifications
PART NUMBER
IT(RMS)
VDRM
VBO
IDRM
IBO
DB105R
DB110R
DB120R
DB130R
DB140R
DB150R
DB200R
DB220R
DB250R
DB240R
On-state
RMS Current
Tj 110 C
50/60Hz
Repetitive
Peak
Off-state
Voltage
Breakover voltage
50/60Hz sine wave
Repetitive Peak
Off-state Current
50/60hz Sine Wave
V=VDRM
Breakover
Current
50/60Hz
sine wave
Volts
Volts
Amps
Amps
MIN
MAX
MAX
MAX
MAX
MIN
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
±90
±90
±90
±90
±90
±90
±180
±190
±190
±180
±190
205
104
110
190
140
130
120
95
270
240
220
230
118
125
215
170
146
138
113
330
280
250
5
5
5
5
5
5
5
5
5
5
5
10
10
10
10
10
10
10
10
10
10
10
SMA
DB105S
DB110S
DB120S
DB130S
DB140S
DB150S
DB200S
DB220S
DB250S
DB240S
1.0
1.0
DB300R
DB300S
R
SEMICONDUCT OR
DB105A
DB110A
DB120A
DB130A
DB140A
DB150A
DB200A
DB220A
DB250A
DB240A
DB300A
Amps
20
.
DO-41
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
5-2
R1
-
DB105K
DB110K
DB120K
DB130K
DB140K
DB150K
DB200K
DB220K
DB250K
DB240K
DB300K
LL105
LL110
LL120
LL130
LL140
LL150
LL200
LL220
LL250
LL240
LL300
-
SOD
123FL
-
Mini
MELF


Similar Part No. - DB150S

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB150S SY-DB150S Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
More results

Similar Description - DB150S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
DB105A JINGHENG-DB105A Datasheet
171Kb / 7P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com