Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS310 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # SS310
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

SS310 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  SS310 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd SS310 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS32 THRU SS320
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 3.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Low profile package
built-in strain relief ,ideal for automated placement
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.003ounce,0.093 gram
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2. P.C.B. mounted 0.55 X 0.55"(14 X 14mm)copper pad areas
3. Measured at 1MHz and reverse voltage of 4.0volts
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
R
SEMICONDUCT OR
Dimensions in inches and (millimeters)
SMB(DO-214AA)
0.086(2.2)
0.096(2.44)
0.187(4.76)
0.220(5.59)
0.060(1.52)
0.012(0.305)
0.008(0.203)
MAX
0.155(3.94)
0.075(1.91)
0.083(2.13)
0.160(4.06)
0.200(5. )
08
0.030(0.76)
0.006(0.152)
0.130(3.30)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(See Fig.1)
Maximum instantaneous forward voltage
at 3.0 A(Note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Typical junction capacitance(Note 3)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
3.0
80.0
-65 to+150
250
70 0
.
25 0
.
100
-
5
0.55
0.70
P
F
°C/W
°C
°C
20
14
20
30
21
30
40
28
40
60
42
60
100
70
100
Symbols
Units
SS
32
SS
33
SS
34
SS
36
SS
310
150
105
150
200
140
200
SS
315
SS
320
085
.
0.95
0.90
T =125 C
A
160
A
20
-
3
-65 to+150


Similar Part No. - SS310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310 TSC-SS310 Datasheet
57Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS310 YINT-SS310 Datasheet
520Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Dongguan City Niuhang E...
SS310 NIUHANG-SS310 Datasheet
1Mb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SS310 LUGUANG-SS310 Datasheet
224Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SS310 YFWDIODE-SS310 Datasheet
493Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
More results

Similar Description - SS310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com