Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV4700-133GH Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT79RV4700-133GH
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV4700-133GH Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT79RV4700-133GH Datasheet HTML 5Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 6Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 7Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 8Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 9Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 10Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 11Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 12Page - Integrated Device Technology IDT79RV4700-133GH Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9 of 25
April 10, 2001
IDT79R4700
Mode bit
Description
Mode bit
Description
0
reserved (must be zero)
14:13
Output driver strength
10
→ 100% strength (fastest),
11
→ 83% strength,
00
→ 67% strength,
01
→ 50% strength (slowest)
4:1
Writeback data rate
0
→ ∆,
1
→ DDx,
2
→ DDxx,
3
→ DxDx,
4
→ DDxxx,
5
→ DDxxxx,
6
→ DxxDxx,
7
→ DDxxxxxx,
8
→ DxxxDxxx,
9-
→ reserved
bit 15
0
→ TClock[0] enabled
1
→ TClock[0] disabled
7:5
Clock divisor
0
→ 2,
1
→ 3,
2
→ 4,
3
→ 5,
4
→ 6,
5
→ 7,
6
→ 8,
7 reserved
bit 16
0
→ TClock[1] enabled
1
→ TClock[1] disabled
80
→ Little endian,
1
→ Big endian
bit 17
0
→RClock[0] enabled
1
→ RClock[0] disabled
10:9
00
→ R4000 compatible,
01
→ reserved,
10
→ pipelined writes,
11
→ write re-issue
bit 18
0
→ RClock[1] enabled
1
→RClock[1] disabled
11
Disable the timer interrupt on Int[5].
0
→ Enabled
1
→ Disabled
255:19
Reserved (must be zero)
12
reserved (must be zero)
Table 3 Boot-time Serial Mode Stream


Similar Part No. - IDT79RV4700-133GH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV4640-100DU IDT-IDT79RV4640-100DU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DUI IDT-IDT79RV4640-100DUI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZ IDT-IDT79RV4640-100DZ Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZI IDT-IDT79RV4640-100DZI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100MU IDT-IDT79RV4640-100MU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - IDT79RV4700-133GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com