Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB250A Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

Part # DB250A
Description  Bilateral Voltage triggered Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

DB250A Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  DB250A Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd DB250A Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd DB250A Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd DB250A Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd DB250A Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Specifications
IT
RS
RS=
VBO
VT
VS
VDRM
IH
IS
IBO
IDRM
-I
+I
+V
(BO-
S)
(S-BO)
VV
II
V-I Characteristics
FIG.1 Normalized DC Holding Current vs case/Lead
Temperature
Case Temperature(T )
C
C
Surge Current Duration- Full Cycles
FIG.2 Peak surge current vs surge current duration
1.0
1.0
2.0
4.0
6.0
8.0
10
20
30
40
100
10
100
1000
SUPPLY FREQUENCY: 60Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum
Rated value at Special junction
temperature
BLOCKING CAPABILITY MAY BE LOST DURING
AND IMMEDIATELY FOLLOWING SURGE
CURRENT IMTERVAL
OVERLOAD MAY NOT BE REPEATED UNTIL JUNCTION
TEMPERATURE HAS RETURNED TO STEADY-STATE RATED
VALUE
R
SEMICONDUCT OR
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
5-3
-V
FIG.3 Normalized Repetitive Peak Breakover
Current vs Junction Temperature
Junction Temperature (T )- C
J
V=VBO
1
20
30
50
70
90
110
40
60
80
100
120
2
5
4
3
6
7
8
9
Junction Temperature(T ) C
J
FIG.5 Normalized C
Changes vs Case
Temperature
BO
0
+4
-4
-6
-8
-12
-40
+40
+60
+80
+100
+120
-20
+25
+20
0
-10
+2
-2
FIG.4 Repetitive Peak On-State Current (I
) vs
Pulse Width at Various Frequencies
TRM
Non-Repeated
f=10Hz
f=1kHz
f=5kHz
f=10kHz
f=20kHz
f=100Hz
Repetition
Frequency
f=5Hz
to
vt
ITRM
di/dt Limit Line
Pulse base width (to)-mSec.
T =110 C Max
J
VBO Firing
Current
wavetorm
4
0.6
0.8
1
2
4
40
6
60
200
400
600
8
80
10
20
100
44
66
6
88
8 1
22
2X10-3
1X10-2
1X10-1


Similar Part No. - DB250A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB250A SY-DB250A Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
More results

Similar Description - DB250A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
DB105A JINGHENG-DB105A Datasheet
171Kb / 7P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com