Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM217AR2V Datasheet(PDF) 9 Page - ON Semiconductor

Part # FODM217AR2V
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM217AR2V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FODM217AR2V Datasheet HTML 4Page - ON Semiconductor FODM217AR2V Datasheet HTML 5Page - ON Semiconductor FODM217AR2V Datasheet HTML 6Page - ON Semiconductor FODM217AR2V Datasheet HTML 7Page - ON Semiconductor FODM217AR2V Datasheet HTML 8Page - ON Semiconductor FODM217AR2V Datasheet HTML 9Page - ON Semiconductor FODM217AR2V Datasheet HTML 10Page - ON Semiconductor FODM217AR2V Datasheet HTML 11Page - ON Semiconductor FODM217AR2V Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FODM217 Series
www.onsemi.com
8
REFLOW PROFILE
Figure 36. Reflow Profile
Profile Freature
Pb-
Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (tS) from (Tsmin to Tsmax)
60
–120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60
–150 seconds
Peak Body Package Temperature
260°C +0°C /
–5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max.


Similar Part No. - FODM217AR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM217 ONSEMI-FODM217 Datasheet
305Kb / 9P
   Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
August, 2019 ??Rev. 2
FODM217 ONSEMI-FODM217 Datasheet
246Kb / 9P
   Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
December, 2021 - Rev. 3
FODM217B ONSEMI-FODM217B Datasheet
831Kb / 12P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
More results

Similar Description - FODM217AR2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM217B ONSEMI-FODM217B Datasheet
831Kb / 12P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
FODM100X ONSEMI-FODM100X Datasheet
213Kb / 9P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3
FODM291 ONSEMI-FODM291 Datasheet
507Kb / 8P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. 0
FODM181 ONSEMI-FODM181 Datasheet
384Kb / 8P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler In Full-Pitch Mini-Flat 4-Pin Package
September, 2022 - Rev. P0
FODM214 ONSEMI-FODM214 Datasheet
305Kb / 9P
   Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
August, 2019 ??Rev. 2
FODM214 ONSEMI-FODM214_V01 Datasheet
246Kb / 9P
   Single Channel, AC/DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
December, 2021 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com