Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB9406L_F085 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDB9406L_F085
Description  N-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDB9406L_F085 Datasheet(HTML) 3 Page - ON Semiconductor

  FDB9406L_F085 Datasheet HTML 1Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 2Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 3Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 4Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 5Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 6Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 7Page - ON Semiconductor FDB9406L_F085 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
www.onsemi.com
Electrical Characteristics T
J = 25°C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
ID = 250A, VGS = 0V
40
-
-
V
IDSS
Drain-to-Source Leakage Current
VDS=40V, TJ = 25oC
-
-
1
A
VGS = 0V
TJ = 175oC (Note 4)
-
-
1
mA
IGSS
Gate-to-Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250A
1.0
1.8
3.0
V
RDS(on)
Drain to Source On Resistance
ID = 80A, VGS= 4.5V
-
1.7
2.2
m
ID = 80A,
VGS= 10V
TJ = 25oC
-
1.2
1.5
m
TJ = 175oC (Note 4)
-
2.1
2.6
m
Ciss
Input Capacitance
VDS = 20V, VGS = 0V,
f = 1MHz
-
8600
-
pF
Coss
Output Capacitance
-
2500
-
pF
Crss
Reverse Transfer Capacitance
-
107
-
pF
Rg
Gate Resistance
f = 1MHz
-
2.1
-
Qg(ToT)
Total Gate Charge
VGS = 0 to 10V
VDD = 32V
ID = 80A
-
121
170
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to 2V
-
15
-
nC
Qgs
Gate-to-Source Gate Charge
-26
-
nC
Qgd
Gate-to-Drain “Miller“ Charge
-
18
-
nC
Switching Characteristics
Drain-Source Diode Characteristics
Note:
4: The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.
ton
Turn-On Time
VDD = 20V, ID = 80A,
VGS = 10V, RGEN = 6
-
-
90
ns
td(on)
Turn-On Delay
-
20
-
ns
tr
Rise Time
-
44
-
ns
td(off)
Turn-Off Delay
-
67
-
ns
tf
Fall Time
-
23
-
ns
toff
Turn-Off Time
-
-
145
ns
VSD
Source-to-Drain Diode Voltage
ISD =80A, VGS = 0V
-
-
1.25
V
ISD = 40A, VGS = 0V
-
-
1.2
V
trr
Reverse-Recovery Time
IF = 80A, dISD/dt = 100A/s
VDD = 32V
-
90
120
ns
Qrr
Reverse-Recovery Charge
-
125
164
nC


Similar Part No. - FDB9406L_F085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB9406L ISC-FDB9406L Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB9406L_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com