Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH040N65S3_F155 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FCH040N65S3_F155
Description  N-Channel SuperFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCH040N65S3_F155 Datasheet(HTML) 4 Page - ON Semiconductor

  FCH040N65S3_F155 Datasheet HTML 1Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 2Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 3Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 4Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 5Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 6Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 7Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 8Page - ON Semiconductor FCH040N65S3_F155 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.onsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.2
1
10
20
1
10
100
200
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
345
678
9
1
10
100
300
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0.00.5
1.01.5
0.001
0.01
0.1
1
10
100
1000
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0
60
120
180
0.01
0.02
0.03
0.04
0.05
0.06
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
10
-1
110
10
2
10
3
10
-1
1
10
10
2
10
3
10
4
10
5
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
50
100
150
0
2
4
6
8
10
VDS = 400V
VDS = 130V
*Note: ID = 32.5A
Qg, Total Gate Charge [nC]


Similar Part No. - FCH040N65S3_F155

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH040N65S3 ISC-FCH040N65S3 Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCH040N65S3_F155

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF250N65S3L1 ONSEMI-FCPF250N65S3L1 Datasheet
884Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF165N65S3L1 ONSEMI-FCPF165N65S3L1 Datasheet
990Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCH47N60 FAIRCHILD-FCH47N60_13 Datasheet
353Kb / 8P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP190N65S3 ONSEMI-FCP190N65S3 Datasheet
919Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF099N65S3 ONSEMI-FCPF099N65S3 Datasheet
899Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
FCMT099N65S3 ONSEMI-FCMT099N65S3 Datasheet
787Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF190N65S3L1 ONSEMI-FCPF190N65S3L1 Datasheet
984Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCPF7N60T FAIRCHILD-FCPF7N60T Datasheet
513Kb / 11P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP099N65S3 ONSEMI-FCP099N65S3 Datasheet
921Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF125N65S3 ONSEMI-FCPF125N65S3 Datasheet
903Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com