Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6292BMX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAN6292BMX
Description  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292BMX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAN6292BMX Datasheet HTML 3Page - ON Semiconductor FAN6292BMX Datasheet HTML 4Page - ON Semiconductor FAN6292BMX Datasheet HTML 5Page - ON Semiconductor FAN6292BMX Datasheet HTML 6Page - ON Semiconductor FAN6292BMX Datasheet HTML 7Page - ON Semiconductor FAN6292BMX Datasheet HTML 8Page - ON Semiconductor FAN6292BMX Datasheet HTML 9Page - ON Semiconductor FAN6292BMX Datasheet HTML 10Page - ON Semiconductor FAN6292BMX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAN6292BMX/FAN6292MX
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
VIN=5 V, LPC=1.5 V, LPC width=2 µs at TJ= -40~125 C, FLPC=100 kHz, unless otherwise specified.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VIN Section
Continuous Operating Voltage(7)
VIN-OP
6
V
Operating Supply Current
VIN=5 V
IIN-OP-5V
8
mA
Green Mode Operating Supply Current
VIN=5 V, with SR gate
F = 400Hz
CC1/CC2 open circuit
IIN-OP-Green
0.5
0.9
1.3
mA
Internal Bias Section
Turn-On Threshold Voltage
VIN increases
VIN-ON
3.0
3.2
3.4
V
Turn-Off Threshold Voltage
VIN decreases
VIN-OFF
2.75
2.85
2.95
V
Green Mode Section (FAN6292BMX)
Green Mode Enable Debounce Time
Non-switching time, when
LPC falling
tGreen-EN-
Debounce
54
64
74
µs
Number of switching to enter green
mode
When switching period > TGreen-EN-
Debounce
NGreen-EN-
Debounce
1
Cycle
Green Mode Disable Debounce Time
Enable after enter green mode,
Non-switching time, when LPC
falling
tGreen-DIS-
Debounce
54
64
74
µs
Green Mode Section (FAN6292MX)
Green Mode Enable Debounce Time
Non-switching time, when when
LPC falling
tGreen-EN-
Debounce
0.4
0.5
0.6
ms
Green Mode Disable Debounce Time
Enable after enter green mode,
Non-switching time, when LPC
falling
tGreen-DIS-
Debounce
0.2
0.3
0.4
ms
Number of consecutive switching to
leave green mode
Independently enable with TGreen-DIS-
Debounce
, when LPC falling
NGreen-DIS-
Debounce
256
Cycles
Bleeder Section
BLD Pin Sink Current through when
bleeding (7)
VBLD=5 V
IBLD -Sink
90
mA
Maximum Discharging Time when
bleeding
tBLD-MAX
275
320
365
ms
AUX Section ( FAN6292BMX )
Output undershoot detection threshold
voltage
VIN-AUX
4.7
4.8
4.9
V
Internal debounce time to enable IAUX(7)
RC filter type
TAUX-
Debounce
5
μs
BLD/AUX
pin pull-down time
TAUX-ON
44
64
84
μs
BLD/AUX pin pull down current with
VAUX=5V
VBLD=5 V, RBLD=0
IAUX
3.3
15
mA


Similar Part No. - FAN6292BMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Similar Description - FAN6292BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com