Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6292 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN6292
Description  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN6292 Datasheet HTML 6Page - ON Semiconductor FAN6292 Datasheet HTML 7Page - ON Semiconductor FAN6292 Datasheet HTML 8Page - ON Semiconductor FAN6292 Datasheet HTML 9Page - ON Semiconductor FAN6292 Datasheet HTML 10Page - ON Semiconductor FAN6292 Datasheet HTML 11Page - ON Semiconductor FAN6292 Datasheet HTML 12Page - ON Semiconductor FAN6292 Datasheet HTML 13Page - ON Semiconductor FAN6292 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FAN6292BMX/FAN6292MX
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS
VIN=5 V, LPC=1.5 V, LPC width=2 µs at TJ= -40~125 C, FLPC=100 kHz, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Internal Timing Section
LPC Transfer Ratio to ILPC(7)
RatioLPC
1
A/V
VRES Transfer Ratio to IRES(7)
RatioRES
0.445
A/V
Ratio between VLPC & VRES
VIN=5V, FLPC=50 kHz,
KRES=0.20
RatioLPC-RES
3.15
3.37
3.59
Minimum LPC Time to Enable the SR
Gate @ High Line
VLPC=3V
tLPC-EN-H
80
180
280
ns
Minimum LPC Time to Enable the SR
Gate @ Low Line
VLPC=1.5V
tLPC-EN-L
500
600
700
ns
Minimum Gate Width
FAN6292BMX
tMIN
1.9
2.2
2.5
µs
Max SR On Time(7)
tON-MAX
20
µs
ton-SR(n+1)- ton-SR(n) < tgate-limit
tgate-limit
350
500
650
ns
Maximum Gate Limit On-time)(7)
tgate-limit-max
5
µs
Forced internal CT reset time(7)
tCT-RESET
10
ns
Reverse Current Mode Section
Reverse current mode entry debounce
time
VIN=5 V, VLPC=0 V
Treverse-
debounce
350
500
650
ms
Operating current during reverse
current mode
VIN=5 V, VLPC=0 V
IOP.reverse
1.7
mA
Source current on CC1 pin during
reverse current mode(7)
VIN=5 V, VLPC=0 V
IP-CC1.reverse
10
μA
Source current on CC2 pin during
reverse current mode(7)
VIN=5 V, VLPC=0 V
IP-CC2.reverse
10
μA
AUX pin current during reverse current
mode(7)
VIN=5 V, VLPC=0 V
IBLD.reverse
10
uA
7.
Guaranteed by Design.
8.
Guaranteed at -5° ~ 85°C.


Similar Part No. - FAN6292

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Similar Description - FAN6292

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com