Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6248HAMX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN6248HAMX
Description  Advanced Synchronous Rectifier Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6248HAMX Datasheet(HTML) 5 Page - ON Semiconductor

  FAN6248HAMX Datasheet HTML 1Page - ON Semiconductor FAN6248HAMX Datasheet HTML 2Page - ON Semiconductor FAN6248HAMX Datasheet HTML 3Page - ON Semiconductor FAN6248HAMX Datasheet HTML 4Page - ON Semiconductor FAN6248HAMX Datasheet HTML 5Page - ON Semiconductor FAN6248HAMX Datasheet HTML 6Page - ON Semiconductor FAN6248HAMX Datasheet HTML 7Page - ON Semiconductor FAN6248HAMX Datasheet HTML 8Page - ON Semiconductor FAN6248HAMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FAN6248
www.onsemi.com
4
MAXIMUM RATINGS
Stresses exceeding the absolute maximum ratings may damage the device. If any of these limits are exceeded, device
functionality should not be assumed. In addition, extended exposure to stresses above the recommended operating
conditions may affect device reliability.
Symbol
Parameter
Min.
Max.
Unit
VDD
Power Supply Input Pin Voltage
-0.3
30
V
VD1, VD2
Drain Sense Input Pin Voltage
-1
100
V
VGATE1,
VGATE2
Gate Drive Output Pin Voltage
-0.3
30
V
VS1, VS2
Source Sense Input Pin Voltage
-0.4
0.4
V
PD
Power Dissipation (TA=25°C)
0.625
W
ΘJA
Thermal Resistance (Junction-to-Ambient Thermal)
165
°C/W
TJ
Operating Junction Temperature
-40
150
°C
TSTG
Storage Temperature Range
-60
150
°C
TL
Lead Temperature (Soldering) 10 Seconds
260
°C
ESD
Electrostatic Discharge Capability
Human Body Model, ANSI / ESDA /
JEDEC JS-001-2012
4
kV
Charged Device Model, JESD22-C101
1.75
Notes:
1. All voltage values are with respect to the GND pin.
THERMAL CHARACTERISTICS
Recommended Operating Conditions
The Recommended Operating Conditions table defines the continuous conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the data sheet specifications. ON Semiconductor does
not recommend exceeding them or designing to Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
VDD2
VDD Pin Supply Voltage to GND
0
27
V
VD1 ,VD2
Drain Sense Input Pin Voltage
-0.7
100
V
VS1 VS2
Source Sense Input Pin Voltage
-0.4
0.4
V
TA3
Operating Ambient Temperature
-40
+125
ºC
Notes:
2. Allowable operating supply voltage VDD can be limited by the power dissipation of FAN6248 related to switching
frequency, load capacitance and ambient temperature.
3. Allowable operating ambient temperature can be limited by the power dissipation of FAN6248 related to switching
frequency, load capacitance on GATE pin and VDD.
Rating
Symbol
Value
Unit
Thermal Characteristics
RψJT
22
°C/W
Thermal Characteristics
RθJA
165
°C/W


Similar Part No. - FAN6248HAMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HCMX ONSEMI-FAN6248HCMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HD ONSEMI-FAN6248HD Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
FAN6248HDMX ONSEMI-FAN6248HDMX Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
More results

Similar Description - FAN6248HAMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
logo
STMicroelectronics
L6733 STMICROELECTRONICS-L6733 Datasheet
60Kb / 3P
   Advanced modular synchronous PWM controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
Eutech Microelectronics...
EUP9291 EUTECH-EUP9291 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
logo
ON Semiconductor
NCP43080 ONSEMI-NCP43080 Datasheet
453Kb / 36P
   Synchronous Rectifier Controller
November, 2015 ??Rev. P0
NCP4308 ONSEMI-NCP4308 Datasheet
385Kb / 29P
   Synchronous Rectifier Controller
September, 2015 ??Rev. P0
logo
Texas Instruments
UCC24630 TI1-UCC24630 Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com