Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2D Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # RS2D
Description  2.0 AMPS. Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

RS2D Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  RS2D Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. RS2D Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2M
2
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
Features
For surface mounted application
Glass passivated junction chip
Built-in strain relief, ideal for automated
placement
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Fast switching for high efficiency
High temperature soldering:
260 oC / 10 seconds at terminals
Mechanical Data
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RS
2A
RS
2B
RS
2D
RS
2G
RS
2J
RS
2K
RS
2M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 1
@TL=100
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.3
V
Maximum DC Reverse Current
@ TA =25
oC at Rated DC Blocking
Voltage @ TA=125
oC
IR
5
200
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
50
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
55
18
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Thermal Resistance from Junction to Ambient and Junction to Lead Mounted on P.C.B. with
0.4” x 0.4” ( 10mm x 10 mm ) Copper Pad Areas.
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1
Case
Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.064 grams
Mounting position: Any
A
U
TH R
R S
R S
X H
XH


Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
SUNMATE electronic Co.,...
RS2D SUNMATE-RS2D Datasheet
428Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Shanghai Shunye Electro...
RS2D SY-RS2D Datasheet
1,017Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
RS2D YINT-RS2D Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
UN Semiconducctor INC
RS2D UNSEMI-RS2D Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A_10 Datasheet
570Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR2A LUGUANG-FR2A Datasheet
239Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
RS2A LUGUANG-RS2A Datasheet
237Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
RS2AA LUGUANG-RS2AA Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A Datasheet
55Kb / 2P
   2.0 AMPS. Fast Recovery Surface Mount Rectifiers
RS2A TSC-RS2A_1 Datasheet
270Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
BY296 TSC-BY296 Datasheet
67Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_1 Datasheet
245Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_10 Datasheet
540Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com