Electronic Components Datasheet Search |
|
LB26SKG01-12FJ Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB26SKG01-12FJ Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd. |
9 / 20 page Series LB Standard Size Snap-in Pushbuttons D56 D www.nkkswitches.com (15.8) Sq .622 NC NO COM L L (+) (-) (0.74) Typ .029 (5.08) .200 NC NO COM (5.08) .200 (2.54) Typ .100 (1.0) Dia Typ .039 (0.3) Typ .012 (2.54) Typ .100 (0.5) .020 (4.0) .157 (15.0) .591 TYPICAL SWITCH DIMENSIONS Square Single & Double Pole Rectangular Single & Double Pole Round Single & Double Pole LB15SKW01-12-CJ Single pole models do not have terminals 4, 5, & 6. LB16CKW01-12-CJ Single pole models do not have terminals 4, 5, & 6. LB26RGW01-12-CJ Single pole models do not have terminals 4, 5, & 6. L (-) L (+) 6 3 25 4 1 NC NO COM (15.8) Sq .622 (2.8) Typ .110 (5.08) Typ .200 (1.8) .071 (3.2) .126 (21.5) .846 (7.5) .295 (2.54) Typ .100 (0.5) Typ .020 (1.2) x (2.0) Typ .047 x .079 (1.0) .039 Latchdown Position (13.2) Sq .520 (17.8) Sq .701 (19.0) Dia .748 (23.7) Dia .933 (1.2) x (2.0) Typ .047 x .079 (0.5) Typ .020 (2.54) Typ .100 (7.5) .295 (21.5) .846 (3.2) .126 (1.8) .071 (1.0) .039 Latchdown Position (21.7) Dia .854 L (+) 3 6 2 5 4 1 L (-) NC NO COM (15.8) Sq .622 (2.8) Typ .110 (5.08) Typ .200 (17.8) .701 (13.2) .520 (19.4) .764 (24.0) .945 (3.2) .126 (22.5) .886 (7.5) .295 (2.54) Typ .100 (0.5) Typ .020 (1.2) x (2.0) Typ .047 x .079 (1.8) .071 (1.0) .039 Latchdown Position 36 L (+) 2 5 4 1 L (-) NC COM (15.8) .622 (22.0) .866 (5.08) Typ .200 (2.8) Typ .110 NO OPTIONAL ACCESSORIES PCB Adaptors AT711 Single Pole • Straight PC Terminals AT712 Double Pole • Straight PC Terminals (0.3) Typ .012 (2.54) Typ .100 (0.5) .020 (4.0) .157 (15.0) .591 NC NO COM L L (+) (-) (15.8) Sq .622 (0.74) Typ .029 (5.08) .200 NC NO COM Note: Order adaptors separately. (5.08) Typ .200 (2.54) Typ .100 (1.0) Dia Typ .039 |
Similar Part No. - LB26SKG01-12FJ |
|
Similar Description - LB26SKG01-12FJ |