Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T40118L5BBI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72T40118L5BBI
Description  2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T40118L5BBI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72T40118L5BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T40118L5BBI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T4088/98/108/118 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 40-BIT
CONFIGURATION 16,384 x 40, 32,768 x 40, 65,536 x 40 and 131,072 x 40
PIN DESCRIPTION (CONTINUED)
RCS
Read Chip Select HSTL-LVTTL
RCS provides synchronous enable/disable control of the read port and High-Impedance control of the
(F14)
INPUT
Qn data outputs, synchronous to RCLK. When using
RCS the OE pinmustbetiedLOW.DuringMaster
or Partial Reset the
RCS input is don’t care, if OE is LOW the data outputs will be Low-Impedance
regardless of
RCS.
REN
Read Enable
HSTL-LVTTL When LOW and in DDR mode,
REN along with a rising and falling edge of RCLK will send data in FIFO
(F16)
INPUT
memory to the output register and read the current data in output register. In SDR mode data will only be
read on the rising edge of RCLK only.
RSDR(1)
Read Single Data
LVTTL
WhenLOW,thisinputpinsetsthereadporttoSingleDataClockmode.WhenHIGH,thereadportwilloperate
(L2)
Rate
INPUT
inDoubleDataClockmode.ThispinmustbetiedeitherHIGHorLOWandcannottoggleduringoperation.
RT
Retransmit
HSTL-LVTTL
RTassertedontherisingedgeofRCLKinitializesthereadpointertothefirstlocationinmemory.EFflag
(F15)
INPUT
is set to LOW (
OR to HIGH in FWFT mode). The write pointer, offset registers, and flag settings are not
affected.IfamarkhasbeensetviatheMARKinputpin,thenthereadpointerwillinitializetothemarklocation
when
RT is asserted.
SCLK
Serial Clock
LVTTL
A rising edge of SCLK will clock the serial data present on the SI input into the offset registers provided
(H15)
INPUT
that
SENisenabled.ArisingedgeofSCLKwillalsoreaddataoutoftheoffsetregistersprovidedthatSREN
is enabled.
SEN
Serial Input
HSTL-LVTTL
SEN used in conjunction with SI and SCLK enables serial loading of the programmable flag offsets.
(J15)
Enable
INPUT
SREN
Serial Read
HSTL-LVTTL
SREN used in conjunction with SO and SCLK enables serial reading of the programmable flag offsets.
(J16)
Enable
INPUT
SI
Serial Input
HSTL-LVTTL This input pin is used to load serial data into the programmable flag offsets. Used in conjunction with
SEN
(H16)
INPUT
and SCLK.
SO
SerialOutput
HSTL-LVTTL This output pin is used to read data from the programmable flag offsets. Used in conjunction with
SREN
(K15)
OUTPUT
and SCLK.
TCK(2)
JTAG Clock
HSTL-LVTTL Clock input for JTAG function. One of four terminals required by IEEE Standard 1149.1-1990. Test
(F1)
INPUT
operations of the device are synchronous to TCK. Data from TMS and TDI are sampled on the rising edge
of TCK and outputs change on the falling edge of TCK. If the JTAG function is not used this signal needs
to be tied to GND.
TDI(2)
JTAG Test Data
HSTL-LVTTL OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,
(E2)
Input
INPUT
testdataseriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,IDRegister
and Bypass Register. An internal pull-up resistor forces TDI HIGH if left unconnected.
TDO(2)
JTAG Test Data
HSTL-LVTTL OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,
(F3)
Output
OUTPUT
test data serially loaded output via the TDO on the falling edge of TCK from either the Instruction Register,
ID Register and Bypass Register. This output is high impedance except when shifting, while in SHIFT-
DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
HSTL-LVTTL TMS is a serial input pin. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the
(F2)
Select
INPUT
thedevicethroughitsTAPcontrollerstates.Aninternalpull-upresistorforcesTMSHIGHifleftunconnected.
TRST(2)
JTAG Reset
HSTL-LVTTL
TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller does not
(E3)
INPUT
automatically reset upon power-up, thus it must be reset by either this signal or by setting TMS= HIGH for
five TCK cycles. If the TAP controller is not properly reset then the FIFO outputs will always be in high-
impedance. If the JTAG function is used but the user does not want to use
TRST,thenTRST canbetied
with
MRSto ensure proper FIFO operation. If the JTAG function is not used then this signal needs to be
tied to GND. An internal pull-up resistor forces
TRST HIGH if left unconnected.
WCLK
WriteClock
HSTL-LVTTL Input clock when used in conjunction with
WEN for writing data into the FIFO memory.
(G1)
INPUT
WCS
WriteChipSelect HSTL-LVTTL The
WCS pin can be regarded as a second WEN input, enabling/disabling write operations.
(H2)
INPUT
WEN
WriteEnable
HSTL-LVTTL When LOW and in DDR mode,
WEN along with a rising and falling edge of WCLK will write data into the
(H1)
INPUT
FIFO memory. In SDR mode data will only be read on the rising edge of RCLK only.
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T40118L5BBI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T40118L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T54242 IDT-IDT72T54242 Datasheet
543Kb / 56P
   2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com