Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4028BD Datasheet(PDF) 3 Page - Integral Corp.

Part # IW4028BD
Description  BCD-to-Decimal Decoder High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4028BD Datasheet(HTML) 3 Page - Integral Corp.

  IW4028BD Datasheet HTML 1Page - Integral Corp. IW4028BD Datasheet HTML 2Page - Integral Corp. IW4028BD Datasheet HTML 3Page - Integral Corp. IW4028BD Datasheet HTML 4Page - Integral Corp. IW4028BD Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IW4028B
61
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C25°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -Level
Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
µA
IOL
Minimum Output Low
(Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA


Similar Part No. - IW4028BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4028BD IKSEMICON-IW4028BD Datasheet
222Kb / 6P
   BCD-to-Decimal Decoder High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4028BD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4028B IKSEMICON-IW4028B Datasheet
222Kb / 6P
   BCD-to-Decimal Decoder High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4028B KODENSHI-KK4028B Datasheet
329Kb / 6P
   BCD-to-Decimal Decoder High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Motorola, Inc
MC74HC147 MOTOROLA-MC74HC147 Datasheet
82Kb / 5P
   Decimal-to-BCD Encoder High-Performance Silicon-Gate CMOS
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com