Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV12816-12LQI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part No. IS61LV12816-12LQI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816-12LQI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LV12816-12LQI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV12816-12LQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IS61LV12816
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
11/30/00
ISSI®
DATA VALID
READ1.eps
PREVIOUS DATA VALID
t AA
t OHA
t OHA
t RC
DOUT
ADDRESS
t RC
t OHA
t AA
t DOE
t LZOE
t ACE
t LZCE
t HZOE
HIGH-Z
DATA VALID
UB_CEDR2.eps
t HZB
ADDRESS
OE
CE
LB, UB
DOUT
t HZCE
t BA
t LZB
READ CYCLE NO. 2(1,3)
AC WAVEFORMS
READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE, UB, or LB = VIL.
3. Address is valid prior to or coincident with
CE LOW transition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn