Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFH60UP60S3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FFH60UP60S3
Description  60 A, 600 V Ultrafast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFH60UP60S3 Datasheet(HTML) 7 Page - ON Semiconductor

  FFH60UP60S3 Datasheet HTML 1Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 2Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 3Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 4Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 5Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 6Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 7Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 8Page - ON Semiconductor FFH60UP60S3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FFH60UP60S, FFH60UP60S3 Rev. 1.6
www.fairchildsemi.com
6
Mechanical Dimensions
TO247-3L


Similar Part No. - FFH60UP60S3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
Thinki Semiconductor Co...
FFH60UP60S3 THINKISEMI-FFH60UP60S3 Datasheet
2Mb / 3P
   60Ampere,600Volt SwitchMode Type Single Fast Recovery Epitaxial Diode
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3_11 Datasheet
291Kb / 7P
   60A, 600V Ultrafast Rectifier
More results

Similar Description - FFH60UP60S3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
   600 V, 60 A ultrafast high voltage rectifier
DS12515 - Rev 3 - March 2020
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
   Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2022
logo
Fairchild Semiconductor
FFAF60UA60DN FAIRCHILD-FFAF60UA60DN Datasheet
2Mb / 5P
   60 A, 600 V, Ultrafast ll Dual Diode
logo
STMicroelectronics
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
   Automotive 600 V, 60 A ultrafast bridge module
September 2020 Rev 1
logo
Vishay Siliconix
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
01-Jan-2023
logo
STMicroelectronics
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
   600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
   600 V, 30 A ultrafast high voltage rectifier
December 2021 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com