Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-4TVM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # CNY17-4TVM
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-4TVM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button CNY17-4TVM Datasheet HTML 3Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 4Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 5Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 6Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 7Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 8Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 9Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 10Page - Fairchild Semiconductor CNY17-4TVM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
10
100
1000
10000
100000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10 V
IC = 2 mA
RL = 100 Ω
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 13 Normalized toff vs. RBE
(Black Package)
RBE- BASE RESISTANCE (k Ω)
Fig. 14 Normalized toff vs. RBE
(White Package)
IF - LED FORWARD CURRENT (mA)
Fig. 16 LED Forward Voltage vs. Forward Current
(White Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25˚C
TA = 55˚C
TA = 100˚C
IF - LED FORWARD CURRENT (mA)
Fig. 15 LED Forward Voltage vs. Forward Current
(Black Package)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25˚C
TA = 55˚C
TA = 100˚C
Fig. 18 Dark Current vs. Ambient Temperature
(Black Package)
TA - AMBIENT TEMPERATURE (˚C)
025
50
75
100
125
10-6
10-5
10-4
10-3
10-2
10-1
100
101
VCE = 10 V
Fig. 17 Collector Current vs. Collector-Emitter Saturation Voltage
V
CESAT - (V)
0.01
0.1
1
0.01
0.1
1
10
I
F = 2.5mA
I
F = 5mA
I
F = 10mA
I
F = 20mA
I
B = 0; T A = 25
oC


Similar Part No. - CNY17-4TVM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4 VISHAY-CNY17-4 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-4 LITEON-CNY17-4 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-4 QT-CNY17-4 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-4 ETC1-CNY17-4 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17-4 FAIRCHILD-CNY17-4 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-4TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com