Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT7202 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT7202
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT7202 Datasheet(HTML) 2 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
PIN CONFIGURATIONS
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage Com'l/Ind'l
2.0
V
VIH(1)
Input High Voltage Military
2.2
V
VIL(2)
Input Low Voltage
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
–40
85
°C
TA
OperatingTemperatureMilitary
–55
125
°C
NOTES:
1. For
RT/RS/XI input, VIH = 2.6V (commercial).
For
RT/RS/XI input, VIH = 2.8V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com’l & Ind'l
Mil.
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
IOUT
DC Output
–50 to +50
–50 to +50
mA
Current
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Reference
Order
Package Type
Identifier
Code
PLASTIC DIP(1)
P28-1
P
PLASTIC THIN DIP
P28-2
T P
CERDIP(1)
D28-1
D
THIN CERDIP
D28-3
TD
SOIC
SO28-3
SO
TOP VIEW
Reference
Order
Package Type
Identifier
Code
LCC(1)
L32- 1
L
PLCC
J32-1
J
TOP VIEW
NOTE:
1. The 600-mil-wide DIP (P28-1 and D28-1) and LCC are not available for the IDT7200.
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
2679 drw 02b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn