Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM-107BPA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICM-107BPA
Description  ICM107B Mega pixel Color CMOS image sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM-107BPA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICM-107BPA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM-107BPA Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICM107B Mega pixel CMOS sensor
Data sheet Version 0.5, January 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/29/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 8
Confidential
2.5 Output Format
During normal operation, the output format is 10-bit raw data that ranges from 0 to 1023. It may be used
for off-chip color processing or compression. A typical configuration is to connect ICM-107B to a USB1,
a USB2, or a 1394/Compression combo chip. At 30 fps, the PCLK and main clock are both operating at 48
MHz.
In addition to the data pins, the chip also output VSYNC, HSYNC, and PCLK. The length and polarity of
VSYNC and HSYNC can be adjusted through registers. The line and frame timing can be adjusted through
registers AD_WIDTH and AD_HEIGHT.
2.6 SIF Interface
Register programming is through SIF interface (SCL and SDA pins). The default 7-bit SIF device address
is 0x20, meanwhile the last bit can be configured by the SIF ID pin. ICM-107B can operate in either SIF
master mode or slave mode right after power up, depending on the pull-up or pull-down of the MSSEL pin.
When MSSEL is pulled low during power-up, ICM-107B’s SIF interface is operated as an SIF slave
device, waiting to be controlled by an external SIF master such as a microprocessor. When MSSEL is
pulled high during power-up, the SIF interface is first acting as an SIF master device trying to read from an
external SIF EEPROM. After that, it will fall back to behave like an SIF slave.


Similar Part No. - ICM-107BPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-102ASA ETC1-ICM-102ASA Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM-105BSA ETC1-ICM-105BSA Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM-105BTA ETC1-ICM-105BTA Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM-108BPA ETC1-ICM-108BPA Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM-107BPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
List of Unclassifed Man...
ICM515NB ETC1-ICM515NB Datasheet
440Kb / 25P
   Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com